Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 28Page - Renesas Technology Corp RA4L1 Datasheet HTML 29Page - Renesas Technology Corp RA4L1 Datasheet HTML 30Page - Renesas Technology Corp RA4L1 Datasheet HTML 31Page - Renesas Technology Corp RA4L1 Datasheet HTML 32Page - Renesas Technology Corp RA4L1 Datasheet HTML 33Page - Renesas Technology Corp RA4L1 Datasheet HTML 34Page - Renesas Technology Corp RA4L1 Datasheet HTML 35Page - Renesas Technology Corp RA4L1 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 125 page
background image
Table 2.5
I/O IOH, IOL (7 of 8)
Conditions: VCC = AVCC0 = 1.6 to 3.6 V
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
Permissible output
current (max value
total pins)*1
64 pin BGA
Total of ports
P201, P205 to
P208, P303,
P304, P814,
P815
ΣIOH (max)
—
—
−30
mA
VCC = 2.7 to
3.6 V
—
—
−8
mA
VCC = 1.8 to
2.7 V
—
—
−4
mA
VCC = 1.6 to
1.8 V
ΣIOL (max)
—
—
50
mA
VCC = 2.7 to
3.6 V
—
—
4
mA
VCC = 1.8 to
2.7 V
—
—
2
mA
VCC = 1.6 to
1.8 V
Total of ports
P300 to P302,
P105 to P115,
P608
ΣIOH (max)
—
—
−30
mA
VCC = 2.7 to
3.6 V
—
—
−8
mA
VCC = 1.8 to
2.7 V
—
—
−4
mA
VCC = 1.6 to
1.8 V
ΣIOL (max)
—
—
50
mA
VCC = 2.7 to
3.6 V
—
—
4
mA
VCC = 1.8 to
2.7 V
—
—
2
mA
VCC = 1.6 to
1.8 V
Total of ports
P100 to P104,
P500, P506 to
P509
ΣIOH (max)
—
—
−30
mA
VCC = 2.7 to
3.6 V
—
—
−8
mA
VCC = 1.8 to
2.7 V
—
—
−4
mA
VCC = 1.6 to
1.8 V
ΣIOL (max)
—
—
50
mA
VCC = 2.7 to
3.6 V
—
—
4
mA
VCC = 1.8 to
2.7 V
—
—
2
mA
VCC = 1.6 to
1.8 V
Total of all output
pin
ΣIOH (max)
—
—
−60
mA
ΣIOL (max)
—
—
100
mA
RA4L1 Datasheet
2. Electrical Characteristics
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 32 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com