Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 38Page - Renesas Technology Corp RA4L1 Datasheet HTML 39Page - Renesas Technology Corp RA4L1 Datasheet HTML 40Page - Renesas Technology Corp RA4L1 Datasheet HTML 41Page - Renesas Technology Corp RA4L1 Datasheet HTML 42Page - Renesas Technology Corp RA4L1 Datasheet HTML 43Page - Renesas Technology Corp RA4L1 Datasheet HTML 44Page - Renesas Technology Corp RA4L1 Datasheet HTML 45Page - Renesas Technology Corp RA4L1 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 125 page
background image
Table 2.20
Power consumption of each unit (2 of 2)
Dynamic current/
Leakage current
MCU
Domain
Category
Item
Frequency
[MHz]
Current
[uA/MHz]
Current*1
[mA]
Dynamic current
CPU
Operation with
Flash and SRAM
Coremark
80
84.16
6.73
Peripheral Unit
Timer
GPT16 (4ch)*4
80
19.02
1.52
GPT32 (2ch)*4
80
10.87
0.87
POEG (4 Groups)*4 40
7.45
0.30
AGT (2ch)*4
40
8.08
0.32
RTC
40
3.82
0.15
WDT
40
2.91
0.12
IWDT
40
1.31
0.05
Communication
interfaces
USBFS
40
35.13
1.41
SCI (6ch)*4
80
56.32
4.51
Irda*5
80
10.49
0.84
IIC
40
6.33
0.25
I3C
80
30.35
2.43
CANFD
40
19.97
0.80
SPI
80
12.31
0.98
QSPI
80
6.35
0.51
SSIE
40
8.49
0.34
UARTA (2ch)*4
40
16.70
0.67
Analog
ACMPLP (2ch)*4
40
3.41
0.14
ADC12
80
8.01
0.64
DAC12
80
2.02
0.16
Human machine
interfaces
CTSU
40
7.08
0.28
SLCDC
40
9.54
0.38
Event link
ELC
40
5.25
0.21
Security
RSIP-E04A
40
300.61
12.02
Data processing
CRC
80
6.17
0.49
DOC
80
0.90
0.07
System
CAC
40
3.24
0.13
DMA
DMAC (per 1ch)
80
24.96
2.00
DTC
80
41.83
3.35
Note 1. The values are guaranteed by design.
Note 2. LDO and Leak are internal voltage regulator’s current and MCU’s leakage current. It is selected according to the temperature of Ta.
Note 3. Δ(Tj-Ta) = 20 °C is considered to measure the current.
Note 4. To determine the current consumption per channel, group or unit, divide Current [mA] by the number of channels, groups or units.
Note 5. Includes current for 1 channel of SCI
Table 2.21 shows the outline of operation for each unit.
Table 2.21
Outline of operation for each unit (1 of 2)
Peripheral
Outline of operation
GPT
Operating modes is set to saw-wave PWM mode. GPT is operating with PCLKD.
POEG
Only clear module stop bit.
AGT
AGT is operating with PCLKB.
RA4L1 Datasheet
2. Electrical Characteristics
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 42 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com