Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 39Page - Renesas Technology Corp RA4L1 Datasheet HTML 40Page - Renesas Technology Corp RA4L1 Datasheet HTML 41Page - Renesas Technology Corp RA4L1 Datasheet HTML 42Page - Renesas Technology Corp RA4L1 Datasheet HTML 43Page - Renesas Technology Corp RA4L1 Datasheet HTML 44Page - Renesas Technology Corp RA4L1 Datasheet HTML 45Page - Renesas Technology Corp RA4L1 Datasheet HTML 46Page - Renesas Technology Corp RA4L1 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 125 page
background image
Table 2.21
Outline of operation for each unit (2 of 2)
Peripheral
Outline of operation
RTC
RTC is operating with LOCO.
WDT
WDT is operating with PCLKB.
IWDT
IWDT is operating with IWDTCLK.
USBFS
Transfer type is set to bulk transfer. USBFS is operating using Full-speed transfer (12 Mbps).
SCI
SCI is transmitting data in clock synchronous mode.
IrDA
SCI is transmitting data in clock asynchronous mode. IrDA is only clear module stop bit.
IIC
Communication format is set to I2C-bus format. IIC is transmitting data in master mode.
I3C
Communication format is set to I3C SDR format. I3C is transmitting data in master mode (5 MHz).
CANFD
CANFD is transmitting and receiving data in self-test mode 1.
SPI
SPI mode is set to SPI operation (4-wire method). SPI master/slave mode is set to master mode. SPI is transmitting
32-bit width data.
QSPI
QSPI is issuing Fast Read Quad I/O Instruction.
SSIE
Communication mode is set to Master. System word length is set to 32 bits. Data word length is set to 20 bits. SSIE is
transmitting data using I2S format.
UARTA
UARTA is transmitting 8-bit width data.
ACMPLP
ACMPLP is operating.
ADC12
Resolution is set to 12-bit accuracy. Data register is set to A/D-converted value addition mode. ADC12 is converting
the analog input in continuous scan mode.
DAC12
DAC12 is outputting the conversion result while updating the value of data register.
CTSU
CTSU is operating in self-capacitance single scan mode.
SLCDC
SLCDC is operating in A wave, 1/2 bias method, 2-time slice and External resistance division method
ELC
Only clear module stop bit.
RSIP-E04A
RSIP is doing self-test operation.
CRC
CRC is generating CRC code using 32-bit CRC32-C polynomial.
DOC
DOC is operating in data comparison mode.
CAC
Measurement target clocks is set to PCLKB. Measurement reference clocks is set to PCLKB. CAC is measuring the
clock frequency accuracy.
DMAC
Bit length of transfer data is set to 32 bits. Transfer mode is set to block transfer mode. DMAC is transferring data from
SRAM0 to SRAM0.
DTC
Bit length of transfer data is set to 32 bits. Transfer mode is set to block transfer mode. DTC is transferring data from
SRAM0 to SRAM0.
2.3
AC Characteristics
RA4L1 Datasheet
2. Electrical Characteristics
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 43 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com