Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 45Page - Renesas Technology Corp RA4L1 Datasheet HTML 46Page - Renesas Technology Corp RA4L1 Datasheet HTML 47Page - Renesas Technology Corp RA4L1 Datasheet HTML 48Page - Renesas Technology Corp RA4L1 Datasheet HTML 49Page - Renesas Technology Corp RA4L1 Datasheet HTML 50Page - Renesas Technology Corp RA4L1 Datasheet HTML 51Page - Renesas Technology Corp RA4L1 Datasheet HTML 52Page - Renesas Technology Corp RA4L1 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 125 page
background image
2.3.4
Wakeup Time
Table 2.28
Timing of recovery from low power modes (1)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Recovery time
from Software
Standby
mode*1
High-speed
mode
Crystal
resonator
connected to
main clock
oscillator
System clock source is
main clock oscillator (20
MHz)*2 *4
tSBYMC
—
2.1
2.7
ms
Figure 2.14
System clock source is
PLL (48 MHz) with Main
clock oscillator*2 *5
tSBYPC
—
2.1
2.8
ms
External clock
input to main
clock oscillator
System clock source is
main clock oscillator (20
MHz)*3 *4
tSBYEX
—
8.5
11
µs
System clock source is
PLL (48 MHz) with Main
clock oscillator*3 *5
tSBYEX
—
66
85
µs
System clock source is HOCO (HOCO
clock is 32 MHz)*6
tSBYHO
—
13.5
17.8
µs
System clock source is HOCO (HOCO
clock is 48 MHz)*5
tSBYHO
—
13.2
17.5
µs
System clock source is MOCO (8 MHz)*7
tSBYMO
—
3.5
5.1
µs
Note 1. The division ratio of ICLK, FCLK, and PCLKx is the minimum division ratio within the allowable frequency range. The recovery time
is determined by the system clock source.
Note 2. The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 0x05.
Note 3. The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 0x00.
Note 4. The ICLK is 20 MHz
Note 5. The ICLK is 48 MHz
Note 6. The ICLK is 32 MHz
Note 7. The ICLK is 8 MHz
Table 2.29
Timing of recovery from low power modes (2)
Parameter
Symbol
Min Typ
Max
Unit
Test conditions
Recovery
time from
Software
Standby
mode*1
Middle
speed
mode
Crystal resonator
connected to main
clock oscillator
System clock source is
main clock oscillator (20
MHz)*2 *4
tSBYMC
—
2.1
2.7
ms
Figure 2.14
External clock input
to main clock
oscillator
System clock source is
main clock oscillator (20
MHz)*3 *4
VCC = 1.8 V to 3.6 V
tSBYEX
—
6
7.4
µs
System clock source is
main clock oscillator (4
MHz)*3 *5
VCC = 1.6 V to 1.8 V
—
7.3
8.8
µs
System clock
source is HOCO
(32 MHz) *4
VCC = 1.8 V to 3.6 V*6
tSBYHO
—
10
13
µs
VCC = 1.6 V to 1.8 V*7
—
13
16
System clock
source is MOCO (8
MHz)
VCC = 1.8 V to 3.6 V*8
tSBYMO
—
3.5
5.1
µs
VCC = 1.6 V to 1.8 V*9
—
6.3
8.7
Note 1. The division ratio of ICLK, FCLK and PCLKx is the minimum division ratio within the allowable frequency range. The recovery time
is determined by the system clock source.
Note 2. The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 0x05.
Note 3. The Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 0x00.
Note 4. The ICLK is 5 MHz (20 MHz/4)
Note 5. The ICLK is 4 MHz
Note 6. The ICLK is 8 MHz (32 MHz/4)
Note 7. The ICLK is 4 MHz (32 MHz/8)
Note 8. The ICLK is 8 MHz
Note 9. The ICLK is 4 MHz (8 MHz/2)
RA4L1 Datasheet
2. Electrical Characteristics
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 49 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com