Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 57Page - Renesas Technology Corp RA4L1 Datasheet HTML 58Page - Renesas Technology Corp RA4L1 Datasheet HTML 59Page - Renesas Technology Corp RA4L1 Datasheet HTML 60Page - Renesas Technology Corp RA4L1 Datasheet HTML 61Page - Renesas Technology Corp RA4L1 Datasheet HTML 62Page - Renesas Technology Corp RA4L1 Datasheet HTML 63Page - Renesas Technology Corp RA4L1 Datasheet HTML 64Page - Renesas Technology Corp RA4L1 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 125 page
background image
SDAn
SCLn
VIH
VIL
P*1
S*1
tSf
tSr
tSDAH
tSDAS
tSP
P*1
Test conditions:
VIH = VCC × 0.7, VIL = VCC × 0.3
VOL = 0.6 V, IOL = 6 mA
Sr*1
Note:
n = 0, 1, 3 to 5, 9
Note 1. S, P, and Sr indicate the following conditions:
S: Start condition
P: Stop condition
Sr: Restart condition
Figure 2.30
SCI simple IIC mode timing
2.3.9
SPI Timing
Table 2.39
SPI timing (1 of 3)
Parameter
Symbol
Min
Max
Unit
Test conditions
RSPCK clock
cycle
Master
2.7 V ≤ VCC ≤ 3.6 V
tSPcyc*1
50
—
ns
Figure 2.31
C = 30 pF
2.4 V ≤ VCC < 2.7 V
100
—
1.8 V ≤ VCC < 2.4 V
200
—
1.6 V ≤ VCC < 1.8 V
500
—
Slave
2.7 V ≤ VCC ≤ 3.6 V
100
—
2.4 V ≤ VCC < 2.7 V
200
—
1.8 V ≤ VCC < 2.4 V
400
—
1.6 V ≤ VCC < 1.8 V
1500
—
RSPCK clock
high pulse width
Master
tSPCKWH
(tSPcyc – tSPCKr –
tSPCKf) / 2 – 3
—
ns
Slave
0.4 × tSPcyc
0.6 × tSPcyc
RSPCK clock
low pulse width
Master
tSPCKWL
(tSPcyc – tSPCKr –
tSPCKf) / 2 – 3
—
ns
Slave
0.4 × tSPcyc
0.6 × tSPcyc
RSPCK clock
rise and fall time
Output
2.7 V ≤ VCC ≤ 3.6 V
tSPCKr,
tSPCKf
—
10
ns
2.4 V ≤ VCC < 2.7 V
—
15
1.8 V ≤ VCC ≤ 2.4 V
—
20
1.6 V ≤ VCC < 1.8 V
—
30
Input
—
1
µs
RA4L1 Datasheet
2. Electrical Characteristics
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 61 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com