Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 41Page - Renesas Technology Corp RA4L1 Datasheet HTML 42Page - Renesas Technology Corp RA4L1 Datasheet HTML 43Page - Renesas Technology Corp RA4L1 Datasheet HTML 44Page - Renesas Technology Corp RA4L1 Datasheet HTML 45Page - Renesas Technology Corp RA4L1 Datasheet HTML 46Page - Renesas Technology Corp RA4L1 Datasheet HTML 47Page - Renesas Technology Corp RA4L1 Datasheet HTML 48Page - Renesas Technology Corp RA4L1 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 125 page
background image
Table 2.24
Operation frequency in low-speed mode
Conditions: VCC = AVCC0 = 1.6 to 3.6 V
Parameter
Symbol
Min
Typ
Max*4
Unit
Operation
frequency
System clock (ICLK)*1 *2
1.6 to 3.6 V
f
0.03277
—
1
MHz
Peripheral module clock (PCLKA)
1.6 to 3.6 V
—
—
1
Peripheral module clock (PCLKB)
1.6 to 3.6 V
—
—
1
Peripheral module clock (PCLKC)*3
1.6 to 3.6 V
—
—
1
Peripheral module clock (PCLKD)
1.6 to 3.6 V
—
—
1
FlashIF clock (FCLK)
1.6 to 3.6 V
—
—
1
Note 1. The lower-limit frequency of ICLK is 1 MHz while programming or erasing the flash memory. When using ICLK for programming or
erasing the flash memory at below 4 MHz, the frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer frequency such as
1.5 MHz cannot be set.
Note 2. The frequency accuracy of ICLK must be ± 1.0% during programming or erasing the flash memory. Confirm the frequency accuracy
of the clock source.
Note 3. The lower-limit frequency of PCLKC is 1 MHz when the ADC12 is in use.
Note 4. The maximum value of operation frequency does not include internal oscillator errors. For details on the range for guaranteed
operation, see Table 2.26.
Table 2.25
Operation frequency in Subosc-speed mode
Conditions: VCC = AVCC0 = 1.6 to 3.6 V
Parameter
Symbol
Min
Typ
Max
Unit
Operation
frequency
System clock (ICLK)*1
1.6 to 3.6 V
f
27.8528
32.768
37.6832
kHz
Peripheral module clock (PCLKA)
1.6 to 3.6 V
—
—
37.6832
Peripheral module clock (PCLKB)
1.6 to 3.6 V
—
—
37.6832
Peripheral module clock (PCLKC)
1.6 to 3.6 V
—
—
37.6832
Peripheral module clock (PCLKD)*2
1.6 to 3.6 V
—
—
37.6832
FlashIF clock (FCLK)
1.6 to 3.6 V
—
—
37.6832
Note 1. Programming and erasing the flash memory is not possible.
Note 2. The ADC12 cannot be used.
2.3.2
Clock Timing
Table 2.26
Clock timing (1 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
EXTAL external clock input cycle time
tXcyc
50
—
—
ns
Figure 2.6
EXTAL external clock input high pulse width
tXH
20
—
—
ns
EXTAL external clock input low pulse width
tXL
20
—
—
ns
EXTAL external clock rising time
tXr
—
—
5
ns
EXTAL external clock falling time
tXf
—
—
5
ns
EXTAL external clock input wait time*1
tEXWT
0.3
—
—
µs
—
EXTAL external clock input frequency
fEXTAL
—
—
20
MHz
1.8 ≤ VCC ≤ 3.6
—
—
4
1.6 ≤ VCC < 1.8
Main clock oscillator oscillation frequency
fMAIN
1
—
20
MHz
1.8 ≤ VCC ≤ 3.6
1
—
4
1.6 ≤ VCC < 1.8
LOCO clock oscillation frequency
fLOCO
27.853
32.77
37.683
kHz
—
LOCO clock oscillation stabilization time
tLOCO
—
—
100
µs
Figure 2.7
IWDT-dedicated clock oscillation frequency
fILOCO
12.75
15
17.25
kHz
—
RA4L1 Datasheet
2. Electrical Characteristics
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 45 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com