Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 68Page - Renesas Technology Corp RA4L1 Datasheet HTML 69Page - Renesas Technology Corp RA4L1 Datasheet HTML 70Page - Renesas Technology Corp RA4L1 Datasheet HTML 71Page - Renesas Technology Corp RA4L1 Datasheet HTML 72Page - Renesas Technology Corp RA4L1 Datasheet HTML 73Page - Renesas Technology Corp RA4L1 Datasheet HTML 74Page - Renesas Technology Corp RA4L1 Datasheet HTML 75Page - Renesas Technology Corp RA4L1 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 125 page
background image
Note:
tI3Ccyc: I3C internal reference clock (I3Cφ) cycle, tTcyc: I3CCLK cycle.
Note 1. Values in parentheses apply when INCTL.DNFS[3:0] is set to 0x3 while the digital filter is enabled with INCTL.DNFE set to 1.
Note 2. Cb indicates the total capacity of the bus line.
Table 2.44
IIC timing (Fast-mode+)
Conditions: VCC = AVCC0 = 2.7 to 3.6 V
Parameter
Symbol
Min*1
Max*1
Unit
IIC (Fast-mode+)
BFCTL.FMPE = 1
SCL input cycle time
tSCL
10(18) × tI3Ccyc + 240
—
ns
SCL input high pulse width
tSCLH
5(9) × tI3Ccyc + 120
—
ns
SCL input low pulse width
tSCLL
5(9) × tI3Ccyc + 120
—
ns
SCL, SDA rise time
tSr
—
120
ns
SCL, SDA fall time
tSf
—
120
ns
SCL, SDA input spike pulse removal
time
tSP
0
1(4) × tI3Ccyc
ns
SDA input bus free time when wakeup
function is disabled
tBUF
5(9) × tI3Ccyc + 120
—
ns
SDA input bus free time when wakeup
function is enabled
tBUF
5(9) × tI3Ccyc + 4 × tTcyc + 120 —
ns
START condition input hold time when
wakeup function is disabled
tSTAH
tI3Ccyc + 120
—
ns
START condition input hold time when
wakeup function is enabled
tSTAH
1(5) × tI3Ccyc + tTcyc + 120
—
ns
Restart condition input setup time
tSTAS
120
—
ns
Stop condition input setup time
tSTOS
120
—
ns
Data input setup time
tSDAS
tI3Ccyc + 30
—
ns
Data input hold time
tSDAH
0
—
ns
SCL, SDA capacitive load
Cb*2
—
550
pF
Note:
tI3Ccyc: I3C internal reference clock (I3Cφ) cycle, tTcyc: I3CCLK cycle.
Note 1. Values in parentheses apply when INCTL.DNFS[3:0] is set to 0x3 while the digital filter is enabled with INCTL.DNFE set to 1.
Note 2. Cb indicates the total capacity of the bus line.
I3C_SDA0
I3C_SCL0
VIH
VIL
tSTAH
tSCLH
tSCLL
P*1
S*1
tSf
tSr
tSCL
tSDAH
tSDAS
tSTAS
tSP
tSTOS
P*1
tBUF
Sr*1
Note 1. S, P, and Sr indicate the following conditions:
S: Start condition
P: Stop condition
Sr: Restart condition
Figure 2.41
I2C bus interface input/output timing
RA4L1 Datasheet
2. Electrical Characteristics
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 72 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com