Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 34Page - Renesas Technology Corp RA4L1 Datasheet HTML 35Page - Renesas Technology Corp RA4L1 Datasheet HTML 36Page - Renesas Technology Corp RA4L1 Datasheet HTML 37Page - Renesas Technology Corp RA4L1 Datasheet HTML 38Page - Renesas Technology Corp RA4L1 Datasheet HTML 39Page - Renesas Technology Corp RA4L1 Datasheet HTML 40Page - Renesas Technology Corp RA4L1 Datasheet HTML 41Page - Renesas Technology Corp RA4L1 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 125 page
background image
Table 2.16
Analog current (2 of 2)
Parameter
Symbol
Typ
Max
Unit
Test conditions
LCD operating
current
External resistance division method*3
ILCD*4
0.04
—
μA
fLCD = fSUB
(32.768 kHz)
LCD clock = 128 Hz
(LCDC0 = 0x07)
1/3 bias four-time-slices
VCC = 3.0 V
VL4 = 3.0 V
Internal voltage
boosting method
VL1 reference
VL1AMP enabled
(VLCD = 0x04)
0.59
—
μA
VL2 reference
VL2AMP enabled
(VLCD = 0x84)
0.48
—
μA
Capacitor split
method
VCC reference
0.3
—
μA
VL4 reference
VL4AMP enabled
0.47
—
μA
USBFS operating
current
Low speed
Operating
IUSBFS
1.36
6
mA
—
Standby
69
200
µA
—
Full speed
Operating
1.68
8
mA
—
Standby
551
860
µA
—
Note 1. The reference power supply current is included in the power supply current value for D/A conversion.
Note 2. When the MCU is in Software Standby mode or the MSTPCRD.MSTPD16 (ADC120 module-stop bit) is in the module-stop state.
Note 3. Not including the current flowing into the external division resistor when using the external resistance division method.
Note 4. Setting 20 pins as the segment function and blinking all
1.7
6.0
21.4
50.0
117.0
14.5
53.7
177.6
377.8
720.6
1
10
100
1,000
0
20
40
60
80
100
120
140
Ta [˚C]
Median of the tested middle samples during product evaluation
Median of the tested upper samples during product evaluation
Figure 2.2
Temperature dependency in Software Standby mode (reference data)
RA4L1 Datasheet
2. Electrical Characteristics
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 38 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com