Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 93Page - Renesas Technology Corp RA4L1 Datasheet HTML 94Page - Renesas Technology Corp RA4L1 Datasheet HTML 95Page - Renesas Technology Corp RA4L1 Datasheet HTML 96Page - Renesas Technology Corp RA4L1 Datasheet HTML 97Page - Renesas Technology Corp RA4L1 Datasheet HTML 98Page - Renesas Technology Corp RA4L1 Datasheet HTML 99Page - Renesas Technology Corp RA4L1 Datasheet HTML 100Page - Renesas Technology Corp RA4L1 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 125 page
background image
Table 2.63
Power-on reset circuit and voltage detection circuit characteristics (1) (2 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Voltage detection
circuit (LVD2)*3
When power supply rise
Vdet2_0
3.06
3.19
3.32
V
Figure 2.69
When power supply fall
3.00
3.13
3.26
When power supply rise
Vdet2_1
2.86
2.98
3.10
When power supply fall
2.80
2.92
3.04
When power supply rise
Vdet2_2
2.66
2.78
2.90
When power supply fall
2.60
2.71
2.82
When power supply rise
Vdet2_3
2.46
2.57
2.68
When power supply fall
2.40
2.50
2.60
When power supply rise
Vdet2_4
2.26
2.36
2.46
Figure 2.69
When power supply fall
2.20
2.30
2.40
When power supply rise
Vdet2_5
2.06
2.15
2.24
When power supply fall
2.00
2.09
2.18
When power supply rise
Vdet2_6
1.86
1.94
2.02
When power supply fall
1.80
1.88
1.96
When power supply rise
Vdet2_7
1.66
1.73
1.80
When power supply fall
1.60
1.67
1.74
Note:
These characteristics apply when noise is not superimposed on the power supply.
Note 1. # in the symbol Vdet0_# denotes the value of the OFS1.VDSEL0[1:0] bits.
Note 2. # in the symbol Vdet1_# denotes the value of the LVD1CMPCR.LVD1LVL[3:0] bits.
Note 3. # in the symbol Vdet2_# denotes the value of the LVD2CMPCR.LVD2LVL[2:0] bits.
Table 2.64
Power-on reset circuit and voltage detection circuit characteristics (2) (1 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Wait time after power-on
reset cancellation
LVD0: enable
tPOR
—
4.9
—
ms
—
LVD0: disable
tPOR
—
4.2
—
ms
—
Wait time after voltage
monitor 0, 1, 2 reset
cancellation
LVD0: enable*1
tLVD0,1,2
—
0.94
—
ms
—
LVD0: disable*2
tLVD1,2
—
0.25
—
ms
—
Power-on reset response delay time*3
tdet
—
—
500
µs
Figure 2.65, Figure 2.66
LVD0 response delay time*3
tdet
—
—
500
µs
Figure 2.67
LVD1 response delay time*3
tdet
—
—
600
µs
Figure 2.68
LVD2 response delay time*3
tdet
—
—
600
µs
Figure 2.69
Minimum VCC down time POR
tVOFF
500
—
—
µs
Figure 2.65
LVD0
300
—
—
µs
Figure 2.67
LVD1
300
—
—
µs
Figure 2.68
LVD2
600
—
—
µs
Figure 2.69
Power-on reset enable time
tW (POR)
1
—
—
ms
Figure 2.66, VCC = below 1.0
V
LVD1 operation stabilization time (after LVD1 is
enabled)
Td (E-A)
—
—
350
µs
Figure 2.68
LVD2 operation stabilization time (after LVD2 is
enabled)
Td (E-A)
—
—
600
µs
Figure 2.69
Hysteresis width (POR)
VPORH
—
10
—
mV
—
RA4L1 Datasheet
2. Electrical Characteristics
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 97 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com