Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 97Page - Renesas Technology Corp RA4L1 Datasheet HTML 98Page - Renesas Technology Corp RA4L1 Datasheet HTML 99Page - Renesas Technology Corp RA4L1 Datasheet HTML 100Page - Renesas Technology Corp RA4L1 Datasheet HTML 101Page - Renesas Technology Corp RA4L1 Datasheet HTML 102Page - Renesas Technology Corp RA4L1 Datasheet HTML 103Page - Renesas Technology Corp RA4L1 Datasheet HTML 104Page - Renesas Technology Corp RA4L1 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 125 page
background image
Table 2.66
ACMPLP characteristics (2 of 2)
Conditions: VCC = AVCC0 = 1.6 to 3.6 V, VSS = AVSS0 = 0 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Internal reference voltage for window mode
VRFH
—
0.76 × VCC —
V
—
VRFL
—
0.24 × VCC —
V
—
Operation
stabilization wait
time
High-speed mode
Tcmp
100
—
—
µs
—
Low-speed mode
200
—
—
Note 1. The internal reference voltage can be selected as ACMPLP reference voltage only when 2.94 V ≤ VCC ≤ 3.6 V.
Input voltage
Reference voltage
Output voltage
Td
Td
+100 mV
-100 mV
Figure 2.70
Output delay time
2.12
Segment LCD Controller Characteristics
2.12.1
External Resistance Division Method
(1) Static display mode
Table 2.67
External resistance division method LCD characteristics (1)
Conditions: VL4 (Min) ≤ VCC = AVCC ≤ 3.6 V, VSS = AVSS = 0 V
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
LCD drive voltage
VL4
2.0
—
VCC
V
—
(2) 1/2 bias method, 1/4 bias method
Table 2.68
External resistance division method LCD characteristics (2)
Conditions: VL4 (Min) ≤ VCC = AVCC ≤ 3.6 V, VSS = AVSS = 0 V
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
LCD drive voltage
VL4
2.7
—
VCC
V
—
(3) 1/3 bias method
Table 2.69
External resistance division method LCD characteristics (3)
Conditions: VL4 (Min) ≤ VCC = AVCC ≤ 3.6 V, VSS = AVSS = 0 V
Parameter
Symbol
Min
Typ
Max
Unit
Test
conditions
LCD drive voltage
VL4
2.5
—
VCC
V
—
RA4L1 Datasheet
2. Electrical Characteristics
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 101 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com