Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 99Page - Renesas Technology Corp RA4L1 Datasheet HTML 100Page - Renesas Technology Corp RA4L1 Datasheet HTML 101Page - Renesas Technology Corp RA4L1 Datasheet HTML 102Page - Renesas Technology Corp RA4L1 Datasheet HTML 103Page - Renesas Technology Corp RA4L1 Datasheet HTML 104Page - Renesas Technology Corp RA4L1 Datasheet HTML 105Page - Renesas Technology Corp RA4L1 Datasheet HTML 106Page - Renesas Technology Corp RA4L1 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 125 page
background image
C4: A capacitor connected between VL4 and GND
C1 = C2 = C3 = C4 = 0.47 µF ±30%
(2) 1/4 bias method
Table 2.71
Internal voltage boosting method LCD characteristics (2)
Conditions: VCC = AVCC = 1.8 V to 3.6 V, VSS = AVSS = 0 V
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Test
conditio
ns
LCD output voltage variation
range
VL1
C1 to C5*1 = 0.47
µF
VLCD*2 = 0x04
0.97
1.01
1.04
V
—
VLCD = 0x05
1.00
1.04
1.08
V
—
VLCD = 0x06
1.04
1.07
1.11
V
—
VLCD = 0x07
1.07
1.11
1.14
V
—
VLCD = 0x08
1.10
1.14
1.18
V
—
VLCD = 0x09
1.13
1.17
1.21
V
VLCD = 0x0A
1.16
1.21
1.25
V
—
VLCD = 0x0B
1.20
1.24
1.28
V
—
VLCD = 0x0C
1.23
1.27
1.32
V
—
VLCD = 0x0D
1.26
1.31
1.35
V
—
Double output voltage
VL2
C1 to C5*1 = 0.47 µF
2 × VL1 -
5%
2 × VL1
2 × VL1
+ 5%
V
—
Triple output voltage
VL3
C1 to C5*1 = 0.47 µF
3 × VL1 -
6%
3 × VL1
3 × VL1
+ 6%
V
—
Quadruple output voltage
VL4*5
C1 to C5*1 = 0.47 µF
4 × VL1 -
6%
4 × VL1
4 × VL1
+ 6%
V
—
Reference voltage setup
time*3
tVL1S
—
10
—
—
ms
Figure
2.71
Voltage boost wait time*4
tVLWT
—
500
—
—
ms
Figure
2.71
Note 1. This is a capacitor that is connected between the voltage pins that are used to drive the LCD.
C1: A capacitor connected between CAPH and CAPL
C2: A capacitor connected between VL1 and GND
C3: A capacitor connected between VL2 and GND
C4: A capacitor connected between VL3 and GND
C5: A capacitor connected between VL4 and GND
C1 = C2 = C3 = C4 = C5 = 0.47 µF ±30%
Note 2. Bit [7] (MDSET[2]) of register VLCD is set to 0 and bits [7:6] (MDSET[1:0]) of register LCDM0 are set to 01 for internal voltage
boosting method (VL1 reference), and bits [4:0] (VLCD4-0) of register VLCD are used for voltage variation setting.
Note 3. This is the time required to wait from when the reference voltage is specified by using the VLCD register (or when the internal
voltage boosting method is selected (by setting the MDSET[1:0] bits of the LCDM0 register to 01b and MDSET[2] of the register
VLCD to 0) if the default value reference voltage is used) until voltage boosting starts (VLCON = 1).
Note 4. This is the wait time from when voltage boosting is started (VLCON = 1) until display is enabled (LCDON = 1).
Note 5. VL4 must be 3.6 V or lower.
2.12.3
Internal Voltage Boosting Method (VL2 Reference)
(1) 1/3 bias method
Table 2.72
Internal voltage boosting method LCD characteristics (3) (1 of 2)
Conditions: VCC = AVCC = VL2 (Max) + 0.1 to 3.6 V, VSS = AVSS = 0 V
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Test conditions
Half output voltage
VL1
C1 to C4*1 = 0.47 µF
1/2 ×
VL2 -
5%
1/2 ×
VL2
1/2 ×
VL2 +
5%
V
—
RA4L1 Datasheet
2. Electrical Characteristics
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 103 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com