Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 82Page - Renesas Technology Corp RA4L1 Datasheet HTML 83Page - Renesas Technology Corp RA4L1 Datasheet HTML 84Page - Renesas Technology Corp RA4L1 Datasheet HTML 85Page - Renesas Technology Corp RA4L1 Datasheet HTML 86Page - Renesas Technology Corp RA4L1 Datasheet HTML 87Page - Renesas Technology Corp RA4L1 Datasheet HTML 88Page - Renesas Technology Corp RA4L1 Datasheet HTML 89Page - Renesas Technology Corp RA4L1 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 125 page
background image
USB_DP,
USB_DM
tFF
tFR
90%
10%
10%
90%
VCRS
Figure 2.58
USB_DP and USB_DM output timing in full-speed mode
Observation
point
50 pF
50 pF
USB_DP
USB_DM
27
Figure 2.59
Test circuit in full-speed mode
2.5
ADC12 Characteristics
VREFH0
5.0
4.0
3.0
2.0
1.0
1.0
2.0
3.0
4.0
5.0
A/D Conversion
Characteristics (2)
ADCSR.ADHSC = 0
2.7
2.4
2.4 2.7
AVCC0
VREFH0
5.0
4.0
3.0
2.0
1.0
1.0
2.0
3.0
4.0
5.0
ADCSR.ADHSC = 1
3.6
2.4
2.4 2.7
AVCC0
1.8
1.8
A/D Conversion
Characteristics (3)
A/D Conversion
Characteristics (4)
A/D Conversion
Characteristics (5)
A/D Conversion
Characteristics (6)
A/D Conversion
Characteristics (7)
1.6
1.6
3.6
3.6
3.6
A/D Conversion
Characteristics (1)
Figure 2.60
AVCC0 to VREFH0 voltage range
Table 2.52
A/D conversion characteristics (1) in high-speed A/D conversion mode (1 of 2)
Conditions: VCC = AVCC0 = VREFH0 = 2.7 to 3.6 V*5, VSS = AVSS0 = VREFL0 = 0 V
Reference voltage range applied to the VREFH0 and VREFL0.
Parameter
Min
Typ
Max
Unit
Test conditions
PCLKC (ADCLK) frequency
1
—
48
MHz
—
Analog input capacitance*2
Cs
—
—
9*3
pF
High-precision channel
—
—
10*3
pF
Normal-precision channel
Analog input resistance
Rs
—
—
1.9*3
kΩ
High-precision channel
—
—
6.0*3
kΩ
Normal-precision channel
RA4L1 Datasheet
2. Electrical Characteristics
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 86 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com