Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 96Page - Renesas Technology Corp RA4L1 Datasheet HTML 97Page - Renesas Technology Corp RA4L1 Datasheet HTML 98Page - Renesas Technology Corp RA4L1 Datasheet HTML 99Page - Renesas Technology Corp RA4L1 Datasheet HTML 100Page - Renesas Technology Corp RA4L1 Datasheet HTML 101Page - Renesas Technology Corp RA4L1 Datasheet HTML 102Page - Renesas Technology Corp RA4L1 Datasheet HTML 103Page - Renesas Technology Corp RA4L1 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 125 page
background image
tVOFF
Vdet2
VCC
tdet
tdet
tLVD2
Td(E-A)
LVD2CMPCR.LVD2E
LVD2
Comparator output
LVD2CR0.CMPE
LVD2SR.MON
Internal reset signal
(active-low)
When LVD2CR0.RN = 0
When LVD2CR0.RN = 1
VLVH
tLVD2
Figure 2.69
Voltage detection circuit timing (Vdet2)
2.10
CTSU Characteristics
Table 2.65
CTSU characteristics
Conditions: VCC = AVCC0 = 1.8 to 3.6 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
External capacitance connected to TSCAP pin
Ctscap
9
10
11
nF
—
2.11
Comparator Characteristics
Table 2.66
ACMPLP characteristics (1 of 2)
Conditions: VCC = AVCC0 = 1.6 to 3.6 V, VSS = AVSS0 = 0 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Reference voltage range
VREF
0
—
VCC-1.4
V
—
Input voltage range
VI
0
—
VCC
V
—
Internal reference voltage*1
—
1.34
1.44
1.54
V
—
Output delay time
High-speed mode
Td
—
—
1.2
µs
VCC = 3.0 V
Low-speed mode
—
—
9
µs
Window mode
—
—
2
µs
Offset voltage
High-speed mode
—
—
—
50
mV
—
Low-speed mode
—
—
—
40
mV
—
Window mode
—
—
—
60
mV
—
RA4L1 Datasheet
2. Electrical Characteristics
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 100 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com