Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 48Page - Renesas Technology Corp RA4L1 Datasheet HTML 49Page - Renesas Technology Corp RA4L1 Datasheet HTML 50Page - Renesas Technology Corp RA4L1 Datasheet HTML 51Page - Renesas Technology Corp RA4L1 Datasheet HTML 52Page - Renesas Technology Corp RA4L1 Datasheet HTML 53Page - Renesas Technology Corp RA4L1 Datasheet HTML 54Page - Renesas Technology Corp RA4L1 Datasheet HTML 55Page - Renesas Technology Corp RA4L1 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 125 page
background image
Note 1. tPcyc indicates the PCLKB cycle.
Note 2. tNMICK indicates the cycle of the NMI digital filter sampling clock.
Note 3. tIRQCK indicates the cycle of the IRQi digital filter sampling clock (i = 0 to 7).
tNMIW
NMI
Figure 2.16
NMI interrupt input timing
tIRQW
IRQ
Figure 2.17
IRQ interrupt input timing
2.3.6
I/O Ports, POEG, GPT, AGT, and ADC12 Trigger Timing
Table 2.34
I/O Ports, POEG, GPT, AGT, and ADC12 trigger timing
Parameter
Symbol
Min
Max
Unit
Test
conditions
I/O Ports
Input data pulse width
2.7 V ≤ VCC ≤ 3.6 V
tPRW
2
—
tPcyc
Figure 2.18
2.4 V ≤ VCC < 2.7 V
3
1.6 V ≤ VCC < 2.4 V
4
POEG
POEG input trigger pulse width
tPOEW
3
—
tPcyc
Figure 2.19
GPT
Input capture pulse width
Single edge
tGTICW
1.5
—
tPDcyc
Figure 2.20
Dual edge
2.5
—
AGT
AGTIO, AGTEE input cycle
1.8 V ≤ VCC ≤ 3.6 V
tACYC*1
250
—
ns
Figure 2.21
1.6 V ≤ VCC < 1.8 V
2000
—
ns
AGTIO, AGTEE input high-level
width, low-level width
1.8 V ≤ VCC ≤ 3.6 V
tACKWH,
tACKWL
100
—
ns
1.6 V ≤ VCC < 1.8 V
800
—
ns
AGTIO, AGTO, AGTOA,
AGTOB output cycle
2.7 V ≤ VCC ≤ 3.6 V
tACYC2
62.5
—
ns
Figure 2.21
2.4 V ≤ VCC < 2.7 V
125
—
ns
1.8 V ≤ VCC < 2.4 V
250
—
ns
1.6 V ≤ VCC < 1.8 V
500
—
ns
ADC12
12-bit A/D converter trigger input pulse width
tTRGW
1.5
—
tPcyc
Figure 2.22
Note 1. Constraints on AGTIO input: tPcyc × 2 (tPcyc: PCLKB cycle) < tACYC.
RA4L1 Datasheet
2. Electrical Characteristics
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 52 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com