Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 69Page - Renesas Technology Corp RA4L1 Datasheet HTML 70Page - Renesas Technology Corp RA4L1 Datasheet HTML 71Page - Renesas Technology Corp RA4L1 Datasheet HTML 72Page - Renesas Technology Corp RA4L1 Datasheet HTML 73Page - Renesas Technology Corp RA4L1 Datasheet HTML 74Page - Renesas Technology Corp RA4L1 Datasheet HTML 75Page - Renesas Technology Corp RA4L1 Datasheet HTML 76Page - Renesas Technology Corp RA4L1 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 125 page
background image
Table 2.45
IIC timing (HS-mode)
Conditions: VCC = 2.7 to 3.60 V
Parameter
Symbol
Min*1
Max*1
Unit
IIC (Hs-mode)
BFCTL.HSME = 1
SCL input cycle time
tSCL
55(57) × tI3Ccyc
—
ns
—
SCL input high pulse
width
Cb = 400 pF
tSCLH
43(44) × tI3Ccyc
—
ns
Cb = 100 pF
23(24) × tI3Ccyc
—
SCL input low pulse
width
Cb = 400 pF
tSCLL
64(65) × tI3Ccyc
—
ns
Cb = 100 pF
32(33) × tI3Ccyc
—
SCL rise time
Cb = 400 pF
tSrCL
—
80
ns
Cb = 100 pF
—
40
SDA rise time
Cb = 400 pF
tSrDA
—
160
ns
Cb = 100 pF
—
80
SCL fall time
Cb = 400 pF
tSfCL
—
80
ns
Cb = 100 pF
—
40
SDA fall time
Cb = 400 pF
tSfDA
—
160
ns
Cb = 100 pF
—
80
SCL, SDA input spike pulse removal time tSP
0
1(1) × tI3Ccyc
ns
Repeated START condition input setup
time
tSTAS
40
—
ns
STOP condition input setup time
tSTOS
40
—
ns
Data input setup time
tSDAS
0
—
ns
Data input hold time
Cb = 400 pF
tSDAH
0
150
ns
Cb = 100 pF
0
70
SCL, SDA capacitive load
Cb*2
—
400
pF
Note:
tI3Ccyc: I3C internal reference clock (I3Cφ) cycle.
Note 1. Values in parentheses apply when INCTL.DNFS[3:0] is set to 0x3 while the digital filter is enabled with INCTL.DNFE set to 1.
Note 2. Cb indicates the total capacity of the bus line.
RA4L1 Datasheet
2. Electrical Characteristics
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 73 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com