Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 47Page - Renesas Technology Corp RA4L1 Datasheet HTML 48Page - Renesas Technology Corp RA4L1 Datasheet HTML 49Page - Renesas Technology Corp RA4L1 Datasheet HTML 50Page - Renesas Technology Corp RA4L1 Datasheet HTML 51Page - Renesas Technology Corp RA4L1 Datasheet HTML 52Page - Renesas Technology Corp RA4L1 Datasheet HTML 53Page - Renesas Technology Corp RA4L1 Datasheet HTML 54Page - Renesas Technology Corp RA4L1 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 125 page
background image
Table 2.32
Timing of recovery from low power modes (5)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Recovery time from Software
Standby mode*1
High-speed mode System clock
source is HOCO (32 MHz)*1
tSNZ
—
7.4
9.3
μs
Figure 2.15
Middle-speed mode System clock
source is HOCO (24 MHz)*2
VCC = 1.8 V to 3.6 V
tSNZ
—
8.3
10.4
μs
Middle-speed mode System clock
source is HOCO (24 MHz)*3
VCC = 1.6 V to 1.8 V
tSNZ
—
9.5
11.8
μs
Low-speed mode System clock
source is MOCO (8 MHz)*4
tSNZ
—
11.8
15.6
μs
Note 1. The ICLK is 32 MHz
Note 2. The ICLK is 8 MHz (24 MHz/4)
Note 3. The ICLK is 4 MHz (24 MHz/8)
Note 4. The ICLK is 1 MHz (8 MHz/8)
tSNZ
IRQ
ICLK (to DTC, SRAM)*1 PCLK
ICLK (except DTC, SRAM)
Oscillator
Software Standby mode
Snooze mode
Note 1. When SNZCR.SNZDTCEN bit is set to 1, ICLK is supplied to DTC and SRAM.
Figure 2.15
Recovery timing from Software Standby mode to Snooze mode
2.3.5
NMI and IRQ Noise Filter
Table 2.33
NMI and IRQ noise filter
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
NMI pulse
width
tNMIW
200
—
—
ns
NMI digital filter disabled
tPcyc × 2 ≤ 200 ns
tPcyc × 2*1
—
—
tPcyc × 2 > 200 ns
200
—
—
NMI digital filter enabled
tNMICK × 3 ≤ 200 ns
tNMICK ×
3.5*2
—
—
tNMICK × 3 > 200 ns
IRQ pulse
width
tIRQW
200
—
—
ns
IRQ digital filter disabled
tPcyc × 2 ≤ 200 ns
tPcyc × 2*1
—
—
tPcyc × 2 > 200 ns
200
—
—
IRQ digital filter enabled
tIRQCK × 3 ≤ 200 ns
tIRQCK ×
3.5*3
—
—
tIRQCK × 3 > 200 ns
Note:
200 ns minimum in Software Standby mode.
Note:
If the clock source is being switched it is needed to add 4 clock cycle of switched source.
RA4L1 Datasheet
2. Electrical Characteristics
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 51 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com