Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 6Page - Renesas Technology Corp RA4L1 Datasheet HTML 7Page - Renesas Technology Corp RA4L1 Datasheet HTML 8Page - Renesas Technology Corp RA4L1 Datasheet HTML 9Page - Renesas Technology Corp RA4L1 Datasheet HTML 10Page - Renesas Technology Corp RA4L1 Datasheet HTML 11Page - Renesas Technology Corp RA4L1 Datasheet HTML 12Page - Renesas Technology Corp RA4L1 Datasheet HTML 13Page - Renesas Technology Corp RA4L1 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 125 page
background image
1.4
Function Comparison
Table 1.15
Function comparison (1 of 2)
Parts number
R7FA4L1BD4CFP
R7FA4L1BD3CAG
R7FA4L1BB4CFP
R7FA4L1BB3CAG
R7FA4L1BD4CDB
R7FA4L1BB4CDB
R7FA4L1BD4CFM
R7FA4L1BB4CFM
R7FA4L1BD3CAH
R7FA4L1BB3CAH
R7FA4L1BD4CFL
R7FA4L1BD4CNE
R7FA4L1BB4CFL
R7FA4L1BB4CNE
Pin count
100
72
64
64
48
Package
LQFP/BGA
WLCSP
LQFP
BGA
LQFP/QFN
Code flash memory
512 KB
256 KB
Data flash memory
8 KB
SRAM
64 KB
Parity
32 KB
ECC
32 KB
DMA
DTC
Yes
DMAC
8
System
CPU clock
80 MHz (max.)
CPU clock
sources
MOSC, SOSC, HOCO, MOCO, LOCO, PLL
CAC
Yes
WDT/IWDT
Yes
Communication
SCI*1
6
IIC
1
I3C
1
UARTA
2
SPI
1
CANFD
1
USBFS
Yes
QSPI
Yes
SSIE
Yes
No
Yes
No
Timers
GPT32*1
2
GPT16*1
4
AGT*1
2
RTC
Yes
Analog
ADC12
Unit 0: 16
Unit 0: 13
Unit 0: 12
Unit 0: 12
Unit 0: 10
DAC12
1
ACMPLP
2
TSN
Yes
HMI
CTSU
12
9
8
8
8
SLCDC
52 seg × 4 com
48 seg × 8 com
26 seg × 4 com
22 seg × 8 com
22 seg × 4 com
18 seg × 8 com
26 seg × 4 com
22 seg × 8 com
No
Data processing
CRC
Yes
DOC
Yes
Event control
ELC
Yes
Security
RSIP-E11A, TrustZone, and Lifecycle management
RA4L1 Datasheet
1. Overview
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 10 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com