Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 59Page - Renesas Technology Corp RA4L1 Datasheet HTML 60Page - Renesas Technology Corp RA4L1 Datasheet HTML 61Page - Renesas Technology Corp RA4L1 Datasheet HTML 62Page - Renesas Technology Corp RA4L1 Datasheet HTML 63Page - Renesas Technology Corp RA4L1 Datasheet HTML 64Page - Renesas Technology Corp RA4L1 Datasheet HTML 65Page - Renesas Technology Corp RA4L1 Datasheet HTML 66Page - Renesas Technology Corp RA4L1 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 125 page
background image
Table 2.39
SPI timing (3 of 3)
Parameter
Symbol
Min
Max
Unit
Test conditions
Slave access time
2.7 V ≤ VCC ≤ 3.6 V
tSA
—
2 × tPcyc + 11
ns
Figure 2.36 and
Figure 2.37
C = 30 pF
2.4 V ≤ VCC < 2.7 V
—
2 × tPcyc + 15
1.8 V ≤ VCC < 2.4 V
—
2 × tPcyc + 35
1.6 V ≤ VCC < 1.8 V
—
2 × tPcyc + 55
Slave output release time
2.7 V ≤ VCC ≤ 3.6 V
tREL
—
2 × tPcyc + 11
ns
2.4 V ≤ VCC < 2.7 V
—
2 × tPcyc + 15
1.8 V ≤ VCC < 2.4 V
—
2 × tPcyc + 35
1.6 V ≤ VCC < 1.8 V
—
2 × tPcyc + 55
Note:
tPcyc: PCLKA cycle.
Note 1. N is set as an integer from 1 to 8 by the SPCKD register.
Note 2. N is set as an integer from 1 to 8 by the SSLND register.
RSPCKn
master select
output
RSPCKn
slave select input
tSPCKWH
VOH
VOH
VOL
VOL
VOH
VOH
tSPCKWL
tSPCKr
tSPCKf
VOL
tSPcyc
tSPCKWH
VIH
VIH
VIL
VIL
VIH
VIH
tSPCKWL
tSPCKr
tSPCKf
VIL
tSPcyc
VOH = 0.7 × VCC, VOL = 0.3 × VCC, VIH = 0.7 × VCC, VIL = 0.3 × VCC
Note:
n = A or B
Figure 2.31
SPI clock timing
RA4L1 Datasheet
2. Electrical Characteristics
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 63 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com