Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 88Page - Renesas Technology Corp RA4L1 Datasheet HTML 89Page - Renesas Technology Corp RA4L1 Datasheet HTML 90Page - Renesas Technology Corp RA4L1 Datasheet HTML 91Page - Renesas Technology Corp RA4L1 Datasheet HTML 92Page - Renesas Technology Corp RA4L1 Datasheet HTML 93Page - Renesas Technology Corp RA4L1 Datasheet HTML 94Page - Renesas Technology Corp RA4L1 Datasheet HTML 95Page - Renesas Technology Corp RA4L1 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 125 page
background image
ADC12
Cs
Rs
Cin
MCU
Analog input
ANn
Vi
Note:
Terminal leakage current is not shown in this figure.
Figure 2.61
Equivalent circuit for analog input
Table 2.58
12-bit A/D converter channel classification
Classification
Channel
Conditions
Remarks
High-precision channel
AN000 to AN006
AVCC0 = 1.6 to 3.6 V
Pins AN000 to AN006 cannot
be used as general I/O, when
the A/D converter is in use.
Normal-precision channel
AN017 to AN025
Internal reference voltage input channel
Internal reference voltage
AVCC0 = 1.8 to 3.6 V
—
Temperature sensor input channel
Temperature sensor output
AVCC0 = 1.8 to 3.6 V
—
Input channel from CTSU
CTSU TSCAP voltage
AVCC0 = 1.6 to 3.6 V
—
Table 2.59
A/D internal reference voltage characteristics
Conditions: VCC = AVCC0 = VREFH0 = 1.8 to 3.6 V*1
Parameter
Min
Typ
Max
Unit
Test conditions
Internal reference voltage input channel*2
1.42
1.48
1.54
V
—
PCLKC (ADCLK) frequency*3
1
—
2
MHz
—
Sampling time*4
5.0
—
—
µs
—
Note 1. The internal reference voltage cannot be selected for input channels when AVCC0 < 1.8 V.
Note 2. The 12-bit A/D internal reference voltage indicates the voltage when the internal reference voltage is input to the 12-bit A/D
converter.
Note 3. When the internal reference voltage is selected as the high-potential reference voltage.
Note 4. When the internal reference voltage is converted.
RA4L1 Datasheet
2. Electrical Characteristics
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 92 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com