Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 52Page - Renesas Technology Corp RA4L1 Datasheet HTML 53Page - Renesas Technology Corp RA4L1 Datasheet HTML 54Page - Renesas Technology Corp RA4L1 Datasheet HTML 55Page - Renesas Technology Corp RA4L1 Datasheet HTML 56Page - Renesas Technology Corp RA4L1 Datasheet HTML 57Page - Renesas Technology Corp RA4L1 Datasheet HTML 58Page - Renesas Technology Corp RA4L1 Datasheet HTML 59Page - Renesas Technology Corp RA4L1 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 125 page
background image
Table 2.36
SCI timing (1) (2 of 2)
Conditions: VCC = AVCC0 = 1.6 to 3.6 V
Parameter
Symbol
Min
Max
Unit
Test
conditions
SCI
Receive data
setup time
(master)
Clock
synchronous
1.8 V ≤ VCC ≤ 3.6 V
tRXS
40
—
ns
Figure 2.24
2.4 V ≤ VCC < 2.7 V
50
—
1.8 V ≤ VCC < 2.4 V
70
—
1.6 V ≤ VCC < 1.8 V
110
—
Receive data
setup time (slave)
Clock
synchronous
2.4 V ≤ VCC ≤ 3.6 V
10
—
ns
1.8 V ≤ VCC ≤ 2.4 V
15
—
1.6 V ≤ VCC < 1.8 V
45
—
Receive data hold
time (master)
Clock synchronous
tRXH
5
—
ns
Receive data hold
time (slave)
Clock synchronous
tRXH
5
—
ns
tSCKW
tSCKr
tSCKf
tScyc
SCKn
Note:
n = 0, 1, 3 to 5, 9
Figure 2.23
SCK clock input timing
tTXD
tRXS tRXH
TXDn
RXDn
SCKn
Note:
n = 0, 1, 3 to 5, 9
Figure 2.24
SCI input/output timing in clock synchronous mode
RA4L1 Datasheet
2. Electrical Characteristics
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 56 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com