Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 32Page - Renesas Technology Corp RA4L1 Datasheet HTML 33Page - Renesas Technology Corp RA4L1 Datasheet HTML 34Page - Renesas Technology Corp RA4L1 Datasheet HTML 35Page - Renesas Technology Corp RA4L1 Datasheet HTML 36Page - Renesas Technology Corp RA4L1 Datasheet HTML 37Page - Renesas Technology Corp RA4L1 Datasheet HTML 38Page - Renesas Technology Corp RA4L1 Datasheet HTML 39Page - Renesas Technology Corp RA4L1 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 125 page
background image
Table 2.11
Middle-speed mode current
Parameter
Symbol
Typ
Max
Unit
Test conditions
Normal mode
All peripheral clocks enabled, and cache
disable. While (1) code is executing from flash
ICC*1
4.38
—
mA
ICLK = 8 MHz
PCLKA = 8 MHz
PCLKB = 8 MHz
PCLKC = 8 MHz
PCLKD = 8 MHz
FCLK = 8 MHz
All peripheral clocks disabled, and cache
disable. While (1) code is executing from flash*2
1.79
—
Sleep mode
All peripheral clocks enabled, and cache
disable.
3.40
—
All peripheral clocks disabled, and cache
disable.*2
0.81
—
Increase during BGO operation*3
2
Note:
Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note:
This does not include the BGO operation.
Note:
The clock source is MOCO.
Note 1. ICC depends on f (ICLK) as follows (reference data).
ICC Typ. = 0.49 × f + 0.48 (normal operation, all peripheral clocks disabled and cache disabled)
Note 2. PCLKA, PCLKB, PCLKC, and PCLKD are set to divided by 64 (125 kHz).
Note 3. This is the increase for programming or erasure of the flash memory for data storage during program execution.
Table 2.12
Low-speed mode current
Parameter
Symbol
Typ
Max
Unit
Test conditions
Normal mode
All peripheral clocks enabled, and cache
disable. While (1) code is executing from flash
ICC*1
1.10
—
mA
ICLK = 1 MHz
PCLKA = 1 MHz
PCLKB = 1 MHz
PCLKC = 1 MHz
PCLKD = 1 MHz
FCLK = 1 MHz
All peripheral clocks disabled, and cache
disable. While (1) code is executing from flash*2
0.33
—
Sleep mode
All peripheral clocks enabled, and cache
disable.
0.94
—
All peripheral clocks disabled, and cache
disable.*2
0.22
—
Note:
Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note:
This does not include the BGO operation.
Note:
The clock source is MOSC.
Note 1. ICC depends on f (ICLK) as follows (reference data).
ICC Typ. = 0.33 × f + 0.02 (normal operation, all peripheral clocks disabled and cache disabled)
Note 2. PCLKA, PCLKB, PCLKC, and PCLKD are set to divided by 64 (15.625 kHz).
Table 2.13
Subosc-speed mode current
Parameter
Symbol
Typ
Max
Unit
Test conditions
Normal mode
All peripheral clocks enabled, and cache
disable. While (1) code is executing from flash
ICC
20
—
µA
ICLK = 32.768 kHz
PCLKA = 32.768 kHz
PCLKB = 32.768 kHz
PCLKC = 32.768 kHz
PCLKD = 32.768 kHz
FCLK = 32.768 kHz
All peripheral clocks disabled, and cache
disable. While (1) code is executing from flash*1
8.73
—
Sleep mode
All peripheral clocks enabled, and cache
disable.
15
—
All peripheral clocks disabled, and cache
disable.*1
4.26
—
Note:
Supply current values are with all output pins unloaded and all input pull-up MOSs in the off state.
Note:
This does not include the BGO operation.
Note:
The clock source is LOCO.
Note 1. PCLKA, PCLKB, PCLKC, and PCLKD are set to divided by 64 (512 Hz).
RA4L1 Datasheet
2. Electrical Characteristics
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 36 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com