Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 33Page - Renesas Technology Corp RA4L1 Datasheet HTML 34Page - Renesas Technology Corp RA4L1 Datasheet HTML 35Page - Renesas Technology Corp RA4L1 Datasheet HTML 36Page - Renesas Technology Corp RA4L1 Datasheet HTML 37Page - Renesas Technology Corp RA4L1 Datasheet HTML 38Page - Renesas Technology Corp RA4L1 Datasheet HTML 39Page - Renesas Technology Corp RA4L1 Datasheet HTML 40Page - Renesas Technology Corp RA4L1 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 125 page
background image
Table 2.14
Software Standby mode current
Parameter
Symbol
Typ
Max
Unit
Test conditions
All SRAMs (0x2000_0000 to 0x2000_FFFF)
are on
Ta = 25°C
ICC
1.70
—
µA
—
Ta = 55°C
6.00
—
Ta = 85°C
21.40
—
Ta = 105°C
50.00
—
Ta = 125°C
117.00
—
Only 16KB SRAM (0x2000_0000 to
0x2000_3FFF) is on
Ta = 25°C
1.65
—
Note:
Supply current values do not include output charge/discharge current from all pins. The values apply when internal pull-up MOS
transistors are in the off state. The supply current is total current flowing into VCC.
Note:
The IWDT and LVD are not operating.
Note:
If you want to operate RTC, please add the value of Table 2.15.
Table 2.15
Increase current by RTC operation
Parameter
Symbol
Typ
Max
Unit
Test conditions
LOCO*1
ICC
0.47
—
µA
SOSC*2
(normal mode)
RTC
(normal operation mode)
0.89
—
SOMCR.SODRV[1:0] = 00b
RCR4.ROPSEL = 0
RTC
(low-consumption clock mode)
0.79
—
SOMCR.SODRV[1:0] = 00b
RCR4.ROPSEL = 1
SOSC*2
(Low power mode 3)
RTC
(normal operation mode)
0.27
—
SOMCR.SODRV[1:0] = 11b
RCR4.ROPSEL = 0
RTC
(low-consumption clock mode)
0.11
—
SOMCR.SODRV[1:0] = 11b
RCR4.ROPSEL = 1
Note 1. Includes the low-speed on-chip oscillator current.
Note 2. Includes the sub-clock oscillation circuit current.
Table 2.16
Analog current (1 of 2)
Parameter
Symbol
Typ
Max
Unit
Test conditions
Analog power
supply current
During 12-bit A/D conversion
(at high-speed A/D conversion mode)
IAVCC0
0.57
1
mA
—
During 12-bit A/D conversion
(at low-power A/D conversion mode)
0.24
0.8
mA
—
During 12-bit D/A conversion*1
0.45
1
mA
—
Waiting for 12-bit A/D and 12-bit D/A
conversion*2
—
4
µA
—
Reference power
supply current
(VREFH0)
During 12-bit A/D conversion
IREFH0
—
150
µA
—
Waiting for 12-bit A/D conversion
—
0.5
µA
—
Temperature Sensor (TSN) operating current
ITSN
110
—
µA
—
Low-power
Analog
Comparator
(ACMPLP)
operating current
Window comparator
(high-speed mode)
IACMPLP
12.5
25
µA
—
Comparator
(high-speed mode)
6.7
20
µA
—
Comparator
(low-speed mode)
1.86
6
µA
—
RA4L1 Datasheet
2. Electrical Characteristics
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 37 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com