Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 53Page - Renesas Technology Corp RA4L1 Datasheet HTML 54Page - Renesas Technology Corp RA4L1 Datasheet HTML 55Page - Renesas Technology Corp RA4L1 Datasheet HTML 56Page - Renesas Technology Corp RA4L1 Datasheet HTML 57Page - Renesas Technology Corp RA4L1 Datasheet HTML 58Page - Renesas Technology Corp RA4L1 Datasheet HTML 59Page - Renesas Technology Corp RA4L1 Datasheet HTML 60Page - Renesas Technology Corp RA4L1 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 125 page
background image
Table 2.37
SCI timing (2) (1 of 2)
Conditions: VCC = AVCC0 = 1.6 to 3.6 V
Parameter
Symbol
Min
Max
Unit
Test conditions
Simple
SPI
SCK clock cycle output
(master)
1.8 V ≤ VCC ≤ 3.6 V
tSPcyc
75
—
ns
Figure 2.25
2.4 V ≤ VCC < 2.7 V
150
—
1.8 V ≤ VCC < 2.4 V
300
—
1.6 V ≤ VCC < 1.8 V
1000
—
SCK clock cycle input (slave)
1.8 V ≤ VCC ≤ 3.6 V
100
—
2.4 V ≤ VCC < 2.7 V
200
—
1.8 V ≤ VCC < 2.4 V
400
—
1.6 V ≤ VCC < 1.8 V
1500
—
SCK clock high pulse width
tSPCKWH
0.4
0.6
tSPcyc
SCK clock low pulse width
tSPCKWL
0.4
0.6
tSPcyc
SCK clock rise and fall time
tSPCKr,
tSPCKf
—
10
ns
Data input setup
time
Master
2.7 V ≤ VCC ≤ 3.6 V
tSU
40
—
ns
Figure 2.26 to
Figure 2.29
2.4 V ≤ VCC < 2.7 V
50
—
1.8 V ≤ VCC < 2.4 V
80
—
1.6 V ≤ VCC < 1.8 V
110
—
Slave
1.8 V ≤ VCC ≤ 3.6 V
10
—
1.6 V ≤ VCC < 1.8 V
45
—
Data input hold
time
Master
tH
5
—
ns
Slave
18
—
SS input setup time
tLEAD
1
—
tSPcyc
SS input hold time
tLAG
1
—
tSPcyc
Data output delay
time
Master
2.4 V ≤ VCC ≤ 3.6 V
tOD
—
35
ns
2.4 V ≤ VCC ≤ 2.7 V
—
35
1.8 V ≤ VCC ≤ 2.4 V
—
75
1.6 V ≤ VCC < 1.8 V
—
125
Slave
2.7 V ≤ VCC ≤ 3.6 V
—
40
2.4 V ≤ VCC ≤ 2.7 V
—
40
1.8 V ≤ VCC < 2.4 V
—
45
1.6 V ≤ VCC < 1.8 V
—
100
Data output hold
time
Master
2.7 V ≤ VCC ≤ 3.6 V
tOH
-5
—
ns
2.4 V ≤ VCC < 2.7 V
-10
—
1.8 V ≤ VCC < 2.4 V
-20
—
1.6 V ≤ VCC < 1.8 V
-40
—
Slave
-5
—
Data rise and fall
time
Master
1.8 V ≤ VCC ≤ 3.6 V
tDr, tDf
—
5
ns
Slave
1.8 V ≤ VCC ≤ 3.6 V
—
5
RA4L1 Datasheet
2. Electrical Characteristics
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 57 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com