Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 78Page - Renesas Technology Corp RA4L1 Datasheet HTML 79Page - Renesas Technology Corp RA4L1 Datasheet HTML 80Page - Renesas Technology Corp RA4L1 Datasheet HTML 81Page - Renesas Technology Corp RA4L1 Datasheet HTML 82Page - Renesas Technology Corp RA4L1 Datasheet HTML 83Page - Renesas Technology Corp RA4L1 Datasheet HTML 84Page - Renesas Technology Corp RA4L1 Datasheet HTML 85Page - Renesas Technology Corp RA4L1 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 125 page
background image
Table 2.48
SSIE timing (2 of 2)
(1) Use pins that have a letter appended to their names, for instance “_A” or “_B” to indicate group membership. For the SSIE interface, the
AC portion of the electrical characteristics is measured for each group.
Parameter
Symbol
Target
specification
Unit
Test
conditions
Min
Max
SSILRCK0/
SSIFS0,
SSITXD0,
SSIRXD0
Input set up time
Master
2.7v ≤ VCC ≤ 3.6
tSR
30
—
ns
Figure 2.54,
Figure 2.55
2.4 ≤ VCC < 2.7
30
—
ns
1.8 ≤ VCC < 2.4
45
—
ns
1.6 ≤ VCC < 1.8
60
—
ns
Slave
2.7v ≤ VCC ≤ 3.6
10
—
ns
1.8 ≤ VCC < 2.7
10
—
ns
1.8 ≤ VCC < 2.7
10
—
ns
1.6 ≤ VCC < 1.8
10
—
ns
Input hold time
Master
tHR
10
—
ns
Slave
18
—
ns
Output delay time
Master
2.7v ≤ VCC ≤ 3.6
tDTR
0
15
ns
2.4 ≤ VCC < 2.7
0
15
1.8 ≤ VCC < 2.4
0
15
1.6 ≤ VCC < 1.8
0
15
Slave
2.7v ≤ VCC ≤ 3.6
8
35
ns
2.4 ≤ VCC < 2.7
10
40
1.8 ≤ VCC < 2.4
10
55
1.6 ≤ VCC < 1.8
10
65
Output delay time
from SSILRCK0/
SSIFS0 change
Slave
2.7v ≤ VCC ≤ 3.6
tDTRW
10
35
ns
Figure 2.55,
Figure 2.56*1
2.4 ≤ VCC < 2.7
10
35
1.8 ≤ VCC < 2.4
10
48
1.6 ≤ VCC < 1.8
10
60
GTIOC2A,
AUDIO_CLK
Cycle
1.8 ≤ VCC < 3.6
tEXcyc
25
—
ns
Figure 2.53
1.6 ≤ VCC < 1.8
250
—
High level/ Low level
tEXL/tEXH 0.4
0.6
tEXcyc
Note 1. For slave-mode transmission, SSIE has a path, through which the signal input from the SSILRCK0/SSIFS0 pin is used to generate
transmit data, and the transmit data is logically output to the SSITXD0 pin.
SSIBCK0
tHC
tO, tI
tLC
tRC
tFC
Figure 2.52
SSIE clock input/output timing
RA4L1 Datasheet
2. Electrical Characteristics
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 82 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com