Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 103Page - Renesas Technology Corp RA4L1 Datasheet HTML 104Page - Renesas Technology Corp RA4L1 Datasheet HTML 105Page - Renesas Technology Corp RA4L1 Datasheet HTML 106Page - Renesas Technology Corp RA4L1 Datasheet HTML 107Page - Renesas Technology Corp RA4L1 Datasheet HTML 108Page - Renesas Technology Corp RA4L1 Datasheet HTML 109Page - Renesas Technology Corp RA4L1 Datasheet HTML 110Page - Renesas Technology Corp RA4L1 Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 125 page
background image
Table 2.77
Code flash characteristics (3) (2 of 2)
Middle-speed operating mode
Conditions: VCC = AVCC0 = 1.6 to 3.6 V
Parameter
Symbol
ICLK = 1 MHz
ICLK = 8 MHz*1
Unit
Min
Typ
Max
Min
Typ
Max
Erase suspended time
tSED
—
—
33.4
—
—
13.1
µs
Forced stop time
tFD
—
—
33.4
—
—
13.1
µs
Configuration Set time
tCFGS
—
27
494
—
12
277
ms
Flash memory mode transition wait
time 1
tDIS
2
—
—
2
—
—
µs
Flash memory mode transition wait
time 2
tMS
15
—
—
15
—
—
µs
Note:
Does not include the time until each operation of the flash memory is started after instructions are executed by software.
Note:
The lower-limit frequency of FCLK is 1 MHz during programming or erasing the flash memory.
Note:
The frequency accuracy of FCLK must be ± 1.0% during programming or erasing the flash memory. Confirm the frequency accuracy
of the clock source.
Note 1. When 1.8 V ≤ VCC = AVCC0 ≤ 3.6 V
Table 2.78
Code flash characteristics (4)
Low-speed operating mode
Conditions: VCC = AVCC0 = 1.6 to 3.6 V
Parameter
Symbol
ICLK = 1 MHz
Unit
Min
Typ
Max
Programming time
8-byte
tP8
—
128
1064
µs
Erasure time
2-KB
tE2K
—
14.1
390
ms
Blank check time
8-byte
tBC8
—
—
67.7
µs
2-KB
tBC2K
—
—
7538
µs
Erase suspended time
tSED
—
—
33.4
µs
Forced stop time
tFD
—
—
33.4
µs
Configuration Set time
tCFGS
—
27
494
ms
Flash memory mode transition wait time 1
tDIS
2
—
—
µs
Flash memory mode transition wait time 2
tMS
15
—
—
µs
Note:
Does not include the time until each operation of the flash memory is started after instructions are executed by software.
Note:
The lower-limit frequency of FCLK is 1 MHz during programming or erasing the flash memory.
Note:
The frequency accuracy of FCLK must be ± 1.0% during programming or erasing the flash memory. Confirm the frequency accuracy
of the clock source.
2.13.2
Data Flash Memory Characteristics
Table 2.79
Data flash characteristics (1)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Reprogramming/erasure cycle*1
NDPEC
100000
1000000
—
Times
—
Data hold time
After 10000 times of NDPEC
tDDRP
20*2 *3
—
—
Year
Ta = +105 °C
10*2 *3
—
—
Ta = +125 °C
After 100000 times of NDPEC
5*2 *3
—
—
Ta = +105 °C
After 1000000 times of NDPEC
—
1*2 *3
—
Ta = +25 °C
Note 1. The reprogram/erase cycle is the number of erasure for each block. When the reprogram/erase cycle is n times (n = 100,000),
erasing can be performed n times for each block. For instance, when 1-byte programming is performed 256 times for different
addresses in 256-byte blocks, and then the entire block is erased, the reprogram/erase cycle is counted as one. However,
programming the same address for several times as one erasure is not enabled. (overwriting is prohibited.)
Note 2. Characteristics when using the flash memory programmer and the self-programming library provided by Renesas Electronics.
RA4L1 Datasheet
2. Electrical Characteristics
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 107 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com