Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 104Page - Renesas Technology Corp RA4L1 Datasheet HTML 105Page - Renesas Technology Corp RA4L1 Datasheet HTML 106Page - Renesas Technology Corp RA4L1 Datasheet HTML 107Page - Renesas Technology Corp RA4L1 Datasheet HTML 108Page - Renesas Technology Corp RA4L1 Datasheet HTML 109Page - Renesas Technology Corp RA4L1 Datasheet HTML 110Page - Renesas Technology Corp RA4L1 Datasheet HTML 111Page - Renesas Technology Corp RA4L1 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 125 page
background image
Note 3. This result is obtained from reliability testing.
Table 2.80
Data flash characteristics (2)
High-speed operating mode
Conditions: VCC = AVCC0 = 1.8 to 3.6 V
Parameter
Symbol
ICLK = 1 MHz
ICLK = 48 MHz
Unit
Min
Typ
Max
Min
Typ
Max
Programming time
1-byte
tDP1
—
112
903
—
33.9
317
µs
Erasure time
256-byte
tDE256
—
14.1
390
—
5.50
214
ms
Blank check time
1-byte
tDBC1
—
—
67.7
—
—
8.6
µs
256-byte
tDBC256
—
—
7538
—
—
272
µs
Suspended time during erasing
tDSED
—
—
33.4
—
—
10.7
µs
Forced stop time
tFD
—
—
33.4
—
—
10.7
µs
Data flash STOP recovery time
tDSTOP
250
—
—
250
—
—
ns
Note:
Does not include the time until each operation of the flash memory is started after instructions are executed by software.
Note:
The lower-limit frequency of FCLK is 1 MHz during programming or erasing the flash memory.
Note:
The frequency accuracy of FCLK must be ± 1.0% during programming or erasing the flash memory. Confirm the frequency accuracy
of the clock source.
Table 2.81
Data flash characteristics (3)
Middle-speed operating mode
Conditions: VCC = AVCC0 = 1.6 to 3.6 V
Parameter
Symbol
ICLK = 1 MHz
ICLK = 8 MHz*1
Unit
Min
Typ
Max
Min
Typ
Max
Programming time
1-byte
tDP1
—
112
903
—
39.7
359
µs
Erasure time
256-byte
tDE256
—
14.1
390
—
6.32
231
ms
Blank check time
1-byte
tDBC1
—
—
67.7
—
—
13.3
µs
256-byte
tDBC256
—
—
7538
—
—
947
µs
Suspended time during erasing
tDSED
—
—
33.4
—
—
13.1
µs
Forced stop time
tFD
—
—
33.4
—
—
13.1
µs
Data flash STOP recovery time
tDSTOP
250
—
—
250
—
—
ns
Note:
Does not include the time until each operation of the flash memory is started after instructions are executed by software.
Note:
The lower-limit frequency of FCLK is 1 MHz during programming or erasing the flash memory.
Note:
The frequency accuracy of FCLK must be ± 1.0% during programming or erasing the flash memory. Confirm the frequency accuracy
of the clock source.
Note 1. When 1.8 V ≤ VCC = AVCC0 ≤ 3.6 V
Table 2.82
Data flash characteristics (4)
Low-speed operating mode
Conditions: VCC = AVCC0 = 1.6 to 3.6 V
Parameter
Symbol
ICLK = 1 MHz
Unit
Min
Typ
Max
Programming time
1-byte
tDP1
—
112
903
µs
Erasure time
256-byte
tDE256
—
14.1
390
ms
Blank check time
1-byte
tDBC1
—
—
67.7
µs
256-byte
tDBC256
—
—
7538
µs
Suspended time during erasing
tDSED
—
—
33.4
µs
Forced stop time
tFD
—
—
33.4
µs
Data flash STOP recovery time
tDSTOP
250
—
—
ns
Note:
Does not include the time until each operation of the flash memory is started after instructions are executed by software.
RA4L1 Datasheet
2. Electrical Characteristics
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 108 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com