Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 110Page - Renesas Technology Corp RA4L1 Datasheet HTML 111Page - Renesas Technology Corp RA4L1 Datasheet HTML 112Page - Renesas Technology Corp RA4L1 Datasheet HTML 113Page - Renesas Technology Corp RA4L1 Datasheet HTML 114Page - Renesas Technology Corp RA4L1 Datasheet HTML 115Page - Renesas Technology Corp RA4L1 Datasheet HTML 116Page - Renesas Technology Corp RA4L1 Datasheet HTML 117Page - Renesas Technology Corp RA4L1 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 125 page
background image
5
4
3
2
H
D
C
B
A
1
(NSMD)
(Solder Mask)
Seating Plane
(Back Side Coating)
3.644 ±0.05
A1 Ball
Area
TOP VIEW
0.40
BOTTOM VIEW
0.50 ±0.05
0.20 ±0.025
0.265 ±0.025
C
0.05 C
SIDE VIEW
Package Outline
0.316
0.216
0.422
0.541
NOTES:
1.
JEDEC compatible.
2.
All dimensions are in mm and angles are in degrees.
3.
Use ±0.05 mm for the non-toleranced dimensions.
4.
Numbers in ( ) are for references only.
5.
Pre-reflow solder ball diameter is Ø0.25 mm.
6.
UBM diameter is Ø0.24 mm.
(0.025)
4.282 ±0.05
(PCB Top View, NSMD Design)
RECOMMENDED LAND PATTERN
0.40
E
F
G
6
7
8
9
A1 Ball
Indicator
© Renesas Electronics Corporation
外形図 Outline drawing
Renesasコード SUBG0072LB-A
ルネサスエレクトロニクス株式会社
Renesas Electronics Corporation
RDK-G-001838
1/1
JEITA Package code
RENESAS code
MASS(TYP.)[g]
S-UFBGA72-4.28x3.64-0.40
SUBG0072LB-A
0.02
Figure A2.3
WLCSP 72-pin
RA4L1 Datasheet
Appendix 2. Package Dimensions
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 114 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com