Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4L1 Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # RA4L1
Description  Renesas Microcontrollers
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4L1 Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button RA4L1 Datasheet HTML 117Page - Renesas Technology Corp RA4L1 Datasheet HTML 118Page - Renesas Technology Corp RA4L1 Datasheet HTML 119Page - Renesas Technology Corp RA4L1 Datasheet HTML 120Page - Renesas Technology Corp RA4L1 Datasheet HTML 121Page - Renesas Technology Corp RA4L1 Datasheet HTML 122Page - Renesas Technology Corp RA4L1 Datasheet HTML 123Page - Renesas Technology Corp RA4L1 Datasheet HTML 124Page - Renesas Technology Corp RA4L1 Datasheet HTML 125Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 122 / 125 page
background image
Table A3.2
Access cycles (2 of 3)
Peripherals
Address
Number of access cycles
ICLK = PCLK
ICLK > PCLK*1
Cycle
Unit
Related function
From
To
Read
Write
Read
Write
SLCDC
0x400D_4000
0x400D_4FFF
4
3
1 to 4
1 to 3
PCLKB
Segment LCD
Controller/Driver
PSCU
0x400E_0000
0x400E_0FFF
5
4
2 to 5
2 to 4
PCLKB
Peripheral Security
Control Unit
AGTn
0x400E_8000
0x400E_8FFF
7
4
4 to 7
2 to 4
PCLKB
Low Power
Asynchronous
General purpose
Timer n
ACMPLP
0x400F_4000
0x400F_4FFF
4
3
1 to 4
1 to 3
PCLKB
Low-Power Analog
Comparator
CRC, DOC
0x4010_8000
0x4010_9FFF
5
4
2 to 5
2 to 4
PCLKA
CRC Calculator, Data
Operation Circuit
SCIn
0x4011_8000
0x4011_8FFF
5*3
4*3
2 to 5*3
2 to 4*3
PCLKA
Serial Communication
Interface n
SPIn
0x4011_A000
0x4011_AFFF
5*4
4*4
2 to 5*4
2 to 4*4
PCLKA
Serial Peripheral
Interface n
I3C, ECCMB
0x4011_F000
0x4012_FFFF
5
4
2 to 5
2 to 4
PCLKA
I3C Bus Interface,
Error correction circuit
for MBRAM
GPT32n, GPT16n,
GPT_OPS
0x4016_9000
0x4016_9FFF
7
4
4 to 7
2 to 4
PCLKA
General PWM 32-Bit
Timer n, General
PWM 16-Bit Timer
n, Output Phase
Switching Controller
ADC120, DAC12
0x4017_0000
0x4017_1FFF
5
4
2 to 5
2 to 4
PCLKA
12bit A/D Converter 0,
12-bit D/A converter
QSPI
0x6400_0000
0x6400_000F
5
14 to *5
2 to 5
14 to *5
PCLKA
Quad-SPI
QSPI
0x6400_0010
0x6400_0013
25 to *5
6 to *5
25 to *5
5 to *5
PCLKA
Quad-SPI
QSPI
0x6400_0014
0x6400_0037
5
14 to *5
2 to 5
14 to *5
PCLKA
Quad-SPI
QSPI
0x6400_0804
0x6400_0807
4
3
1 to 4
1 to 3
PCLKA
Quad-SPI
Table A3.2
Access cycles (3 of 3)
Peripherals
Address
Number of access cycles
ICLK = FCLK
ICLK > FCLK*1
Cycle
Unit
Related function
From
To
Read
Write
Read
Write
FLCN, FACI
0x407E_C000
0x407F_EFFF
5
4
3 to 5
2 to 4
FCLK
Flash I/O Registers,
Flash Application
Command Interface
Note 1. If the number of PCLK or FCLK cycles is non-integer (for example 1.5), the minimum value is without the decimal point, and the
maximum value is rounded up to the decimal point. For example, 1.5 to 2. 5 is 1 to 3.
Note 2. The access cycles of the PRCNT2 and PFS registers depend on PRWCNTR.
Note 3. When accessing a 16-bit register (FTDRHL, FRDRHL, FCR, FDR, LSR, and CDR), access is 2 cycles more than the value shown in
Table A3.2. When accessing an 8-bit register (including FTDRH, FTDRL, FRDRH, and FRDRL), the access cycles are as shown in
Table A3.2.
Note 4. When accessing the 32-bit register (SPDR), access is 2 cycles more than the value in Table A3.2. When accessing an 8-bit or 16-bit
register (SPDR_HA), the access cycles are as shown in Table A3.2.
Note 5. The access cycles depend on the QSPI bus cycles.
RA4L1 Datasheet
Appendix 3. I/O Registers
R01DS0447EJ0131 Rev.1.31
May 26, 2026
Page 122 of 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com