Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10 Datasheet(PDF) 23 Page - ams-OSRAM AG

Part # C10
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C10 Datasheet(HTML) 23 Page - ams-OSRAM AG

Back Button C10 Datasheet HTML 19Page - ams-OSRAM AG C10 Datasheet HTML 20Page - ams-OSRAM AG C10 Datasheet HTML 21Page - ams-OSRAM AG C10 Datasheet HTML 22Page - ams-OSRAM AG C10 Datasheet HTML 23Page - ams-OSRAM AG C10 Datasheet HTML 24Page - ams-OSRAM AG C10 Datasheet HTML 25Page - ams-OSRAM AG C10 Datasheet HTML 26Page - ams-OSRAM AG C10 Datasheet HTML 27Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
21 - 70
CP Control
Addr: 23h
This register controls the Charge Pump.
Bit
Bit Name
Default
Access
Description
0
cp_clk
0
R/W
Clock frequency selection.
0 = 1 MHz
1 = 500 kHz
2:1
cp_mode
00b
R/W
Charge Pump mode (in manual mode sets this mode, in
automatic mode reports the actual mode used)
00 = 1:1 mode
01 = 1:1.5 mode
10 = 1:2 mode
11 = NA
Note:
Direct switching from 1:1.5 mode into 1:2 in manual
mode and vice versa is not allowed. Always switch over
1:1 mode.
4:3 cp_mode_switching
00b
R/W
Set the mode switching algorithm:
00 = Automatic Mode switching; 1:1, 1:1.5 and 1:2 allowed
1
01 = Automatic Mode switching; only 1:1 and 1:1.5 allowed
1
10 = Manual Mode switching; register cp_mode defines the
actual charge pump mode used
11 = reserved
6
cp_auto_on
0
R/W
0 = Charge Pump is switched on/off with cp _on
1 = Charge Pump is automatically switched on if a current
sink, which is connected to the charge pump (defined by
registers CP Mode Switch 1 & 2) is switched on
Note :
1.
Don’t use automatic mode switching together with external PWM for the current sources connceted
to the charge pump with less than 500us high time.
CP Mode Switch 1
Addr: 24h
Setup which current sinks are connected (via leds) to the charge pump; if set to ‘1’ the
correspond current source (sink) is used for automatic mode selection of the charge
pump
Bit
Bit Name
Default
Access
Description
0
curr30_on_cp
0
R/W
0 = current Sink CURR30 is not connected to charge pump
1 = current sink CURR30 is connected to charge pump
1
curr31_on_cp
0
R/W
0 = current Sink CURR31 is not connected to charge pump
1 = current sink CURR31 is connected to charge pump
2
curr32_on_cp
0
R/W
0 = current Sink CURR32 is not connected to charge pump
1 = current sink CURR32 is connected to charge pump
3
curr33_on_cp
0
R/W
0 = current Sink CURR33 is not connected to charge pump
1 = current sink CURR33 is connected to charge pump
4
rgb1_on_cp
0
R/W
0 = current Sink RGB1 is not connected to charge pump
1 = current sink RGB1 is connected to charge pump
5
rgb2_on_cp
0
R/W
0 = current Sink RGB2 is not connected to charge pump
1 = current sink RGB2 is connected to charge pump
6
rgb3_on_cp
0
R/W
0 = current Sink RGB3 is not connected to charge pump
1 = current sink RGB3 is connected to charge pump
7
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com