Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10 Datasheet(PDF) 49 Page - ams-OSRAM AG

Part # C10
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C10 Datasheet(HTML) 49 Page - ams-OSRAM AG

Back Button C10 Datasheet HTML 45Page - ams-OSRAM AG C10 Datasheet HTML 46Page - ams-OSRAM AG C10 Datasheet HTML 47Page - ams-OSRAM AG C10 Datasheet HTML 48Page - ams-OSRAM AG C10 Datasheet HTML 49Page - ams-OSRAM AG C10 Datasheet HTML 50Page - ams-OSRAM AG C10 Datasheet HTML 51Page - ams-OSRAM AG C10 Datasheet HTML 52Page - ams-OSRAM AG C10 Datasheet HTML 53Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
47 - 70
Figure
29 – GPIO Pin Connections
Open, when
gpio_pulls = 11 (ADC)
CPIO Control
Registers
VDD_GPIO
GPIO0:GPIO2
Vss
Pullup
Pulldown
GPIO Pins
Interface
7.5.1 GPIO Characteristics
Table
18 – GPIO DC Characteristics
Symbol
Parameter
Min
Max
Unit
Note
Rpull
Pull up/Pull down
Resistance
30
75
kΩ
Vgpio
Supply Voltage
1.5
3.3
V
VIH
High Level Input Voltage
0.7·Vgpio
V
VIL
Low Level Input Voltage
0.3· Vgpio
V
VHYS
Hysteresis
0.1· Vgpio
V
ILEAK
Input Leakage Current
-5
5
µ A
To Vgpio and VSS
VOH
High Level Output Voltage 0.8·Vgpio
V
at - Iout
VOL
Low Level Output Voltage
0.2· Vgpio
V
at Iout
4
Vgpio = 2.8V, gpioX_low_curr = 1
(page gpio0_low_curr)
16
Vgpio = 2.8V, gpioX_low_curr = 0
1
Vgpio = 1.5V, gpioX_low_curr = 0
guaranteed by design.
Iout
Driving Capability
4
mA
Vgpio = 1.5V, gpioX_low_curr = 1
guaranteed by design.
CLOAD
Capacitive Load
50
pF
Vgpio is used as the supply voltage for all GPIOs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com