Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10 Datasheet(PDF) 30 Page - ams-OSRAM AG

Part # C10
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C10 Datasheet(HTML) 30 Page - ams-OSRAM AG

Back Button C10 Datasheet HTML 26Page - ams-OSRAM AG C10 Datasheet HTML 27Page - ams-OSRAM AG C10 Datasheet HTML 28Page - ams-OSRAM AG C10 Datasheet HTML 29Page - ams-OSRAM AG C10 Datasheet HTML 30Page - ams-OSRAM AG C10 Datasheet HTML 31Page - ams-OSRAM AG C10 Datasheet HTML 32Page - ams-OSRAM AG C10 Datasheet HTML 33Page - ams-OSRAM AG C10 Datasheet HTML 34Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
28 - 70
Figure
18 – Flash Mode 3 – Flash time identical to strobe pulse time
Table
13 – High Current Sinks CURR30,31,32,33 Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Note
IBIT7
Current sink if Bit7 = 1
76.8
IBIT6
Current sink if Bit6 = 1
38.4
IBIT5
Current sink if Bit5 = 1
19.2
IBIT4
Current sink if Bit4 = 1
9.6
IBIT3
Current sink if Bit3 = 1
4.8
IBIT2
Current sink if Bit2 = 1
2.4
IBIT1
Current sink if Bit1 = 1
1.2
IBIT0
Current sink if Bit0 = 1
0.6
mA
For V(CURRx) > 0.2 / 0.4V
∆
absolute Accuracy
-15
+15
%
All Current sinks;
V(CURR3x) < VBAT-1.0V
VCURR3X
0.2
CPOUT
V
0-150mA range
VCURR3X_H
P
CURR30,31,32,33 Voltage
Compliance Range
0.4
CPOUT
V
150mA-300mA range
7.4.2.1 High Current Sinks CURR3x Registers
Curr3 control1
Addr: 12h
This register select the modes of the current sinks30..33 current.
Bit
Bit Name
Default
Access Description
0
preview_off_after
strobe
0b
R/W
Select the switch off mode after strobe pulse
0=normal preview/strobe mode,
1=switch off preview after strobe duration has expired
To reinitiate the torch mode the preview_ctrl has to be set off
and on again
2:1
preview_ctrl
00b
R/W
Preview is triggered by
00b = off
01b = software trigger (setting this bit automatically triggers preview)
10b = GPIO2 active high
11b = GPIO2 active low
Preview Current Level
(defined by curr3x_preview)
TX Masking-function
reduce current during flash
(GPIO1 if txmask_on=1)
Preview on
(Software trigger or GPIO2)
Strobe on
(Software trigger or GPI3)
Strobe Current Level
(defined by curr3x_strobe
and curr3x_strobe_high)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com