Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10 Datasheet(PDF) 19 Page - ams-OSRAM AG

Part # C10
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C10 Datasheet(HTML) 19 Page - ams-OSRAM AG

Back Button C10 Datasheet HTML 15Page - ams-OSRAM AG C10 Datasheet HTML 16Page - ams-OSRAM AG C10 Datasheet HTML 17Page - ams-OSRAM AG C10 Datasheet HTML 18Page - ams-OSRAM AG C10 Datasheet HTML 19Page - ams-OSRAM AG C10 Datasheet HTML 20Page - ams-OSRAM AG C10 Datasheet HTML 21Page - ams-OSRAM AG C10 Datasheet HTML 22Page - ams-OSRAM AG C10 Datasheet HTML 23Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
17 - 70
DCDC Control 2
Addr: 22h
This register controls the Step Up DC/DC Converter and low-voltage current sinks
CURR3x.
Bit
Bit Name
Default
Access
Description
3
stepup_lowcur
1
R/W
Step Up DC/DC Converter coil current limit.
0 = .Normal current limit
1 = Current limit reduced by approx. 33%
4
curr1_prot_on
0
R/W
0 = No overvoltage protection
1 = Pull down current on CURR1 switched on, if voltage on
CURR1 exceeds 13.75V, and step_up_on=1
5
curr2_prot_on
0
R/W
0 = No overvoltage protection
1 = Pull down current on CURR1 switched on, if voltage on
CURR1 exceeds 13.75V, and step_up_on=1
7
step_up_fb_auto
0
R/W
0 = step_up_fb select the feedback of the DCDC converter
1 = The feedback is automatically chosen within the current
sinks CURR1and CURR2 (never DCDC_FB). Only those are
used for this selection, which are enabled (currX_mode must
not be 00) and not connected to the charge pump
(currX_on_cp must be 0). Don’t use automatic feedback
selection together with external PWM for CURR1 or CURR2.
7.3
Charge Pump
The Charge Pump uses two external flying capacitors C6, C7 to generate output voltages higher than the battery
voltage.
There are three different operating modes of the charge pump itself:
1:1 Bypass Mode
−
Battery input and output are connected by a low-impedance switch (0.5Ω );
−
battery current = output current.
1:1.5 Mode
−
The output voltage is up to 1.5 times the battery voltage (without load), but is limited to VCPOUTmax all
the time
−
battery current = 1.5 times output current.
1:2 Mode
−
The output voltage is up to 2 times the battery voltage (without load), but is limited to VCPOUTmax all
the time
−
−
battery current = 2 times output current
As the battery voltage decreases, the Charge Pump must be switched from 1:1 mode to 1:1.5 mode and
eventually in 1:2 mode in order to provide enough supply for the current sinks. Depending on the actual current
the mode with best overall efficiency can be automatically or manually selected:
Examples:
Battery voltage = 3.7V, LED dropout voltage = 3.5V. The 1:1 mode will be selected and there is 100mV drop
on the current sink and on the Charge Pump switch. Efficiency 95%.
Battery voltage = 3.5V, LED dropout voltage = 3.5V. The 1:1.5 mode will be selected and there is 1.5V drop
on the current sink and 250mV on the Charge Pump. Efficiency 66%.
Battery voltage = 3.8V, LED dropout voltage = 4.5V (Camera Flash). The 1:2 mode can be selected and there
is 600mV drop on the current sink and 2.5V on the Charge Pump. Efficiency 60%.
The efficiency is dependent on the LED forward voltage given by:
Eff=(V_LED*Iout)/(Uin*Iin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com