Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10 Datasheet(PDF) 26 Page - ams-OSRAM AG

Part # C10
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C10 Datasheet(HTML) 26 Page - ams-OSRAM AG

Back Button C10 Datasheet HTML 22Page - ams-OSRAM AG C10 Datasheet HTML 23Page - ams-OSRAM AG C10 Datasheet HTML 24Page - ams-OSRAM AG C10 Datasheet HTML 25Page - ams-OSRAM AG C10 Datasheet HTML 26Page - ams-OSRAM AG C10 Datasheet HTML 27Page - ams-OSRAM AG C10 Datasheet HTML 28Page - ams-OSRAM AG C10 Datasheet HTML 29Page - ams-OSRAM AG C10 Datasheet HTML 30Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
24 - 70
7.4
Current Sinks
The AS3688 contains general purpose current sinks intended to control backlights, buzzers, and vibrators. All
current sinks have an integrated protection against overvoltage.
CURR1 and CURR2 is also used as feedback for the Step Up DC/DC Converter (regulated to 0.5V in this
configuration).
Current sinks CURR1 and CURR2 are high-voltage compliant (15V) current sinks, used e.g., for series of
white LEDs
Current sinks CURR3x (CURR30, CURR31, CURR32 and CURR33) are parallel 5V, high-current current
sinks, used e.g., for a photocamera flash LED.
Current sinks RGB1, RGB2, and RGB3 are general purpose current sinks e.g. for a fun LED (the pins for
these current sinks are shared with the OLED charge pump)
Current sinks CURR4x (CURR41, CURR42, and CURR43) are general purpose current sinks optionally used
in place of the Step Up DC/DC Converter, e.g. for white LEDs.
As the current sinks consume current whenever enabled (currX_mode not equal ‘off’), do always disable the
current sinks by setting their currX_mode register to ‘off’ (and not by setting currX_current to 0 and not by setting
pwm_code to 0 if currX_mode = ‘PWM controlled’).
Table
11 – Current Sink Function Overview
Resolution
Current
Sink
Pin
Max.
Voltage
(V)
Max.
Current
(mA)
(Bits)
(mA)
Software
Current
Control
Hardware On/Off
Control
Alternate Function
CURR1
TBD
CURR2
TBD
15.0
38.25
8
0.15
Separate
LED Pattern;
PWM at GPIO0/2;
Internal PWM
CURR30 TBD
CURR31 TBD
CURR32 TBD
CURR33 TBD
153
(300 for
strobe)
8
(+1 for
strobe)
0.6
Combined in
Strobe/Preview
or
Separated
Flash LED Strobe
(GPI) & Preview
(GPIO2);
TXMask (GPIO1);
PWM at GPIO0/2;
Internal PWM;
Ext-Overtemp on
GPIO2
LED Pattern
N/A
RGB1
TBD
RGB2
TBD
RGB3
TBD
38.25
8
0.15
Separate
LED Pattern;
PWM at GPIO0/2;
Internal PWM
OLED Charge Pump
RGB3: LDO VANA2
CURR41 TBD
CURR42 TBD
CURR43 TBD
VBAT
(5.5V)
38.25
8
0.15
Separate
LED Pattern;
PWM at GPIO0/2;
Internal PWM
Step Up DC/DC
Converter (feedback at
CURR1 or CURR2)
7.4.1 High Voltage Current Sinks CURR1, CURR2
The high voltage current sinks have a resolution of 8 bits. Additionally an internal protection circuit monitors with
a voltage divider (max 3µA @ 13V) the voltage on CURR1 and CURR2 and increases the current in off state in
case of overvoltage. See section ‘Typical Operating Characteristics’ Figure ‘Current Sink CURR1 and CURR2
Protection Current’. This shows the protection current versus applied voltage depending on the register setting
currX_prot_on (X=1 or 2).
External PWM control of these current sinks is possible and can be enabled by software (Input pin GPIO0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com