Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10 Datasheet(PDF) 57 Page - ams-OSRAM AG

Part # C10
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C10 Datasheet(HTML) 57 Page - ams-OSRAM AG

Back Button C10 Datasheet HTML 53Page - ams-OSRAM AG C10 Datasheet HTML 54Page - ams-OSRAM AG C10 Datasheet HTML 55Page - ams-OSRAM AG C10 Datasheet HTML 56Page - ams-OSRAM AG C10 Datasheet HTML 57Page - ams-OSRAM AG C10 Datasheet HTML 58Page - ams-OSRAM AG C10 Datasheet HTML 59Page - ams-OSRAM AG C10 Datasheet HTML 60Page - ams-OSRAM AG C10 Datasheet HTML 61Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
55 - 70
Figure
32 – ADC Pin Connections (TBD: TODO: Add new channels)
GPIO Input
Buffers
V
DD_GPIO
D9:0
gpio_select
10-bit SAR
ADC
V2_5
To avoid unwanted supply currents
when an analog signal is applied to a
GPIO pin, the GPIO Input Buffers are
turned off when gpio x_pulls = 11.
GPIO1
GPIO0
CURR2
CURR1
CURR30
CURR4
RGB1
7.8
Power-On Reset
The internal reset is controlled by two sources:
VBAT3 Supply
VDD_GPIO Voltage
If one of the voltages is lower than its limit, the internal reset is forced.
The reset levels control the state of all registers. As long as VBAT and VDD_GPIO are below their reset
thresholds, the register contents are set to default. Access by serial interface is possible once the reset
thresholds are exceeded.
Table
23 – Reset Levels
Symbol
Parameter
Min
Typ
Max
Unit
Note
VPOR_VBAT
Overall Power-On
Reset
2.0
V
Monitor voltage on V2_5; power-on
reset for all internal functions;
startup is guaranteed with
VBAT>=3.0V
VGPIO_Vdd_TH_RISI
NG
Reset Level for
VDD_GPIO Rising
1.3
1.5
V
Monitor voltage on pin VDD_GPIO;
rising level.
VGPIO_vdd_TH_FAL
LING
Reset Level for
VDD_GPIO Falling
1.0
V
Monitor voltage on pin VDD_GPIO;
falling level.
7.9
Temperature Supervision
An integrated temperature sensor provides over-temperature protection for the AS3688. This sensor generates a
flag if the device temperature reaches the overtemperature threshold of 140º. The threshold has a hysteresis to
prevent oscillation effects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com