Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10 Datasheet(PDF) 21 Page - ams-OSRAM AG

Part # C10
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C10 Datasheet(HTML) 21 Page - ams-OSRAM AG

Back Button C10 Datasheet HTML 17Page - ams-OSRAM AG C10 Datasheet HTML 18Page - ams-OSRAM AG C10 Datasheet HTML 19Page - ams-OSRAM AG C10 Datasheet HTML 20Page - ams-OSRAM AG C10 Datasheet HTML 21Page - ams-OSRAM AG C10 Datasheet HTML 22Page - ams-OSRAM AG C10 Datasheet HTML 23Page - ams-OSRAM AG C10 Datasheet HTML 24Page - ams-OSRAM AG C10 Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
19 - 70
Table
10 – Charge Pump Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Note
ICPOUT_Pulsed
Output Current Pulsed
0.0
900
mA
300ms pulse width,
10% duty cycle max.
ICPOUT
Output Current
Continuous
0.0
400
mA
VCPOUTmax
Output Voltage
5.6
V
Internally limited, Including output
ripple
η
Efficiency
55
90
%
Including current sink loss;
ICPOUT < 400mA.
ICP1_1.5
8.4
13
1:1.5 Mode
ICP1_2
Power Consumption
without Load
fclk = 1 MHz
9.5
18
mA
1:2 Mode
Rcp1_1
0.4
1.0
1:1 Mode; VBAT >= 3.5V
Rcp1_1.5
1.4
2.0
1:1.5 Mode; VBAT >= 3.3V ;
TJUNCTION<85°C
Rcp1_2
Effective Charge Pump
Output Resistance
(Open Loop, fclk =
1MHz)
1.8
2.5
1:1.2 Mode; VBAT >= 3.1V
fclk Accuracy
Accuracy of Clock
Frequency
-10
10
%
currlv_switch
RGB1:RGB3 and
CURR41:CURR42
minumum voltage
0.2
V
currhv_switch
CURR1, CURR2
minumum voltage
0.45
V
CURR30:CURR33
minumum voltage
0-160mA range
0.2
V
curr3x_switch
CURR30:CURR33
minumum voltage
>160mA range
0.4
V
If the voltage drops below this
threshold, the charge pump will use
the next available mode
(1:1 -> 1:1.5 or 1:1.5 -> 1:2)
tdeb
CP automatic up-
switching debounce
time
240
µsec
7.3.1 Charge Pump Mode Switching
If automatic mode switching is enabled (cp_mode_switching = 00 or cp_mode_switching = 01) the charge pump
monitors the current sinks, which are connected via a led to the output CP_OUT. To identify these current
sources (sinks), the registers cp_mode_switch1 and cp_mode_switch2 (register bits curr30_on_cp …
curr33_on_cp, rgb1_on_cp … rgb3_on_cp, curr1_on_cp, curr2_on_cp, curr41_on_cp … curr43_on_cp) should
be setup before starting the charge pump (cp _on = 1). If any of the voltage on these current sources drops
below the threshold (currlv_switch, currhv_switch, curr3x_switch), the next higher mode is selected after the
debounce time.
To avoid switching into 1:2 mode (battery current = 2 times output current), set cp_mode_switching = 10.
If the currX_on_cp=0 and the according current sink is connected to the chargepump, the current sink will be
functional, but there is no up switching of the chargepump, if the voltage compliance is too low for the current sink
to supply the specified current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com