Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10 Datasheet(PDF) 55 Page - ams-OSRAM AG

Part # C10
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C10 Datasheet(HTML) 55 Page - ams-OSRAM AG

Back Button C10 Datasheet HTML 51Page - ams-OSRAM AG C10 Datasheet HTML 52Page - ams-OSRAM AG C10 Datasheet HTML 53Page - ams-OSRAM AG C10 Datasheet HTML 54Page - ams-OSRAM AG C10 Datasheet HTML 55Page - ams-OSRAM AG C10 Datasheet HTML 56Page - ams-OSRAM AG C10 Datasheet HTML 57Page - ams-OSRAM AG C10 Datasheet HTML 58Page - ams-OSRAM AG C10 Datasheet HTML 59Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
53 - 70
Table
22 – ADC Parameters
Symbol
Parameter
Min
Typ
Max
Unit
Note
ADCTC
Code temperature
coefficient
1.2939
Code/°C
Temperature change per ADC
LSB
Ratioprescaler
Ratio of Prescaler
0.4
For all low voltage current sinks,
CP_OUT and VBAT2
VGPIOCURR
Voltage Compliance of
current source for GPIO
0.0
1.35
V
IGPIOCURR
Current Accuracy for
GPIO current source
-1.0µA
1-15µA
+1.0µA
V
Current Source for pin GPIO2
Transient Parameters (2.5V, 25 ºC)
Tc
Conversion Time
27
µ s
fc
Clock Frequency
1.0
MHz
ts
Settling Time of S&H
4
µ s
All signal are Internally
generated and triggered by
start_conversion
The junction temperature (TJUNCTION) can be calculated with the following formula (ADCTEMP_CODE is the adc
conversion result for channel 15 selected by register adc_select = 000100b):
TJUNCTION [°C] = ADCTOFFSET - ADCTC * ADCTEMP_CODE
7.7.1 ADC Registers
ADC_control
Addr: 26h
This register input source selection and initialization of ADC.
Bit
Bit Name
Default
Access
Description
5:0
adc_select
1
0
R/W
Selects input source as ADC input.
000000 (00h) = GPIO0
000001 (01h) = GPIO1
000010 (02h) = GPIO2
000011 (03h) = GPI
000100 (04h) = reserved
000101 (05h) = RGB1
000110 (06h) = RGB2
000111 (07h) = RGB3
001000 (08h) = CURR1
001001 (09h) = CURR2
001010 (0Ah) = CURR30
001011 (0Bh) = CURR31
001100 (0Ch) = CURR32
001101 (0Dh) = CURR33
001110 (0Eh) = CURR41
001111 (0Fh) = CURR42
010000 (10h) = CURR43
010001 (11h) = reserved
010010 (12h) = reserved
010011 (13h) = reserved
010100 (14h) = VBAT2
010101 (15h) = CP_OUT
010110 (16h) = DCDC_FB
010111 (17h) = ADCTEMP_CODE (junction temperature)
011xxx, 1xxxxx = reserved
6
NA
7
start_conversion
N/A
W
Writing a 1 into this bit starts one ADC conversion cycle.
Notes:
1.
See Table ‘ADC Input Ranges, Compliances and Resolution’ for ADC ranges and possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com