Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10 Datasheet(PDF) 62 Page - ams-OSRAM AG

Part # C10
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C10 Datasheet(HTML) 62 Page - ams-OSRAM AG

Back Button C10 Datasheet HTML 58Page - ams-OSRAM AG C10 Datasheet HTML 59Page - ams-OSRAM AG C10 Datasheet HTML 60Page - ams-OSRAM AG C10 Datasheet HTML 61Page - ams-OSRAM AG C10 Datasheet HTML 62Page - ams-OSRAM AG C10 Datasheet HTML 63Page - ams-OSRAM AG C10 Datasheet HTML 64Page - ams-OSRAM AG C10 Datasheet HTML 65Page - ams-OSRAM AG C10 Datasheet HTML 66Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
60 - 70
8
Registermap
Table 26 – Registermap
Register Name
Adr
ess
Defa
ult
Content
b7
b6
b5
b4
b3
b2
b1
b0
Reg. control
00h
00
ldo_an
a1_lpo
cp_ext_
on
step_u
p_on
cp_on
ldo_an
a2_on
ldo_ana
1_on
curr12 control
01h
00h
curr2_mode
curr1_mode
curr rgb control
02h
00h
rgb3_mode
rgb2_mode
rgb1_mode
curr3 control1
03h
00h
curr33_mode
curr32_mode
curr31_mode
curr30_mode
curr4 control
04h
00h
curr43_mode
curr42_mode
curr41_mode
GPIO output
05h
00h
gpi_cur
r33_en
gpi_cur
r32_en
gpi_cur
r31_en
gpi_cur
r30_en
gpi_en
gpio2_
out
gpio1_
out
gpio0_o
ut
GPIO signal
06h
00h
gpi_cur
r33_in
gpi_cur
r32_in
gpi_cur
r31_in
gpi_cur
r30_in
gpi_in
gpio2_i
n
gpio1_i
n
gpio0_in
Ldo ana1 voltage
07h
Fuse
ldo_ana1_voltage
Ldo ana2 voltage
08h
Fuse
ldo_an
a2_pull
d
ldo_ana2_voltage
Curr1 current
09h
00h
curr1_current
Curr2 current
0Ah
00h
curr2_current
Rgb1 current
0Bh
00h
rgb1_current
Rgb2 current
0Ch
00h
rgb2_current
Rgb3 current
0Dh
00h
rgb3_current
Curr3x strobe
0Eh
00h
curr3x_strobe
Curr3x preview
0Fh
00h
curr3x_preview
Curr3x other
10h
00h
curr3x_other
Curr3 strobe
control
11h
00h
strobe_timing
strobe_mode
strobe_ctrl
Curr3 control2
12h
00h
txmask
_invert
curr3x_
strobe_
high
curr3x_
ext_ovt
emp
txmask
_on
preview_ctrl
preview
_off_aft
er
strobe
Curr41 current
13h
00h
curr41_current
Curr42 current
14h
00h
curr42_current
Curr43 current
15h
00h
curr43_current
Pwm control
16h
01h
pwm_g
pio2
pwm_dim_speed
pwm_dim_mode
pwm_m
ode
pwm code
17h
00h
pwm_code
Pattern control
18h
00h
curr33_
pattern
curr32_
pattern
curr31_
pattern
curr30_
pattern
softdim
_patter
n
pattern_delay
pattern_
color
Pattern data0
19h
00h
pattern_data[7:0]
Pattern data1
1Ah
00h
pattern_data[15:8]
Pattern data2
1Bh
00h
pattern_data[23:16]
Pattern data3
1Ch
00h
pattern_data[31:24]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com