Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10 Datasheet(PDF) 29 Page - ams-OSRAM AG

Part # C10
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C10 Datasheet(HTML) 29 Page - ams-OSRAM AG

Back Button C10 Datasheet HTML 25Page - ams-OSRAM AG C10 Datasheet HTML 26Page - ams-OSRAM AG C10 Datasheet HTML 27Page - ams-OSRAM AG C10 Datasheet HTML 28Page - ams-OSRAM AG C10 Datasheet HTML 29Page - ams-OSRAM AG C10 Datasheet HTML 30Page - ams-OSRAM AG C10 Datasheet HTML 31Page - ams-OSRAM AG C10 Datasheet HTML 32Page - ams-OSRAM AG C10 Datasheet HTML 33Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
27 - 70
In strobe mode, a timeout timer protects the flash leds with a settable timeout of 100ms to 1600ms. This timer
has the following modes:
Flash time defined by timeout timer (Ts) independent of strobe signal (Mode 1)
Flash time limited to timeout or end of strobe pulse (Mode 2)
Flash time identical to strobe pulse time (Mode 3)
GPIO1 can be programmed to be used as TXMasking function. This function quickly reduces the current during
strobing from strobe levels to preview levels. The timeout counter is not affected by this input.
Figure
16 – Flash Mode 1 – Flash time defined by timeout timer (Ts) independent of strobe signal (Strobe on)
Figure
17 – Flash Mode 2 – Flash time limited to timeout or end of strobe pulse
Strobe Current Level
(defined by curr3x_strobe
and curr3x_strobe_high)
Preview Current Level
(defined by curr3x_preview)
TX Masking-function
reduce current during flash
(GPIO1 if txmask_on=1)
Preview on
(Software trigger or GPIO2)
Strobe on
(Software trigger or GPI3)
Preview Current Level
(defined by curr3x_preview)
TX Masking-function
reduce current during flash
(GPIO1 if txmask_on=1)
Preview on
(Software trigger or GPIO2)
Strobe on
(Software trigger or GPI3)
Strobe Current Level
(defined by curr3x_strobe
and curr3x_strobe_high)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com