Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10 Datasheet(PDF) 51 Page - ams-OSRAM AG

Part # C10
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C10 Datasheet(HTML) 51 Page - ams-OSRAM AG

Back Button C10 Datasheet HTML 47Page - ams-OSRAM AG C10 Datasheet HTML 48Page - ams-OSRAM AG C10 Datasheet HTML 49Page - ams-OSRAM AG C10 Datasheet HTML 50Page - ams-OSRAM AG C10 Datasheet HTML 51Page - ams-OSRAM AG C10 Datasheet HTML 52Page - ams-OSRAM AG C10 Datasheet HTML 53Page - ams-OSRAM AG C10 Datasheet HTML 54Page - ams-OSRAM AG C10 Datasheet HTML 55Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
49 - 70
GPIO01_control
Addr: 1Eh
This register controls GPIO0 and GPIO1 pin functions.
Bit
Bit Name
Default
Access
Description
1:0
gpio0_mode
00
R/W
Defines the direction for pin GPIO0.
00 = Input only or used for PWM
01 = Output (push and pull).
10 = Output (open drain, only push; only NMOS is active).
11= Output (open drain, only pull; only PMOS is active).
3:2
gpio0_pulls
01
R/W
Adds the following pullup/pulldown to pin GPIO0; this is
independent of setting of bits gpio0_mode.
00 = None
01 = Pulldown
10 = Pullup
11= ADC input (gpio0_mode = XX); recommended for analog
signals.
5:4
gpio1_mode
00
R/W
Defines the direction for pin GPIO1.
00 = Input only; can be used for TXMask
01 = Output (push and pull).
10 = Output (open drain, only push; only NMOS is active).
11= Output (open drain, only pull; only PMOS is active).
7:6
gpio1_pulls
01
R/W
Adds the following pullup/pulldown to pin GPIO1; this is
independent of setting of bits gpio1_mode.
00 = None
01 = Pulldown
10 = Pullup
11= ADC input (gpio1_mode = XX); recommended for analog
signals.
GPIO23 control
Addr: 1Fh
This register controls pins GPIO2 pin functions.
Bit
Bit Name
Default
Access
Description.
1:0
gpio2_mode
00
R/W
Defines the direction for pin GPIO2.
00 = Input only; can be used for PWM or preview mode
01 = Output (push and pull).
10 = Output (open drain, only push; only NMOS is active).
11= Output (open drain, only pull; only PMOS is active).
3:2
gpio2_pulls
11
R/W
Adds the following pullup/pulldown to pin GPIO2; this is
independent of setting of bits gpio2_mode.
00 = None
01 = Pulldown
10 = Pullup
11= ADC input (gpio2_mode = XX); recommended for analog
signals.
7:4
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com