Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10 Datasheet(PDF) 48 Page - ams-OSRAM AG

Part # C10
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C10 Datasheet(HTML) 48 Page - ams-OSRAM AG

Back Button C10 Datasheet HTML 44Page - ams-OSRAM AG C10 Datasheet HTML 45Page - ams-OSRAM AG C10 Datasheet HTML 46Page - ams-OSRAM AG C10 Datasheet HTML 47Page - ams-OSRAM AG C10 Datasheet HTML 48Page - ams-OSRAM AG C10 Datasheet HTML 49Page - ams-OSRAM AG C10 Datasheet HTML 50Page - ams-OSRAM AG C10 Datasheet HTML 51Page - ams-OSRAM AG C10 Datasheet HTML 52Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
46 - 70
Subtract Enable
Addr: 35h
Enable the inversion from the signal from the pwm generator
Bit
Bit Name
Default
Access
Description
0
sub_en1
0
R/W
Inverts the signal from the pwm generator
0 = Direct Operation (no inversion)
1 = The signal from the pwm generator for which the adder
is enabled (curr1_adder = 1, curr41_adder = 1,
rgb1_adder = 1) is inverted
1
sub_en2
0
R/W
Inverts the signal from the pwm generator
0 = Direct Operation (no inversion)
1 = The signal from the pwm generator for which the adder
is enabled (curr2_adder = 1, curr42_adder = 1,
rgb2_adder = 1) is inverted
2
sub_en3
0
R/W
Inverts the signal from the pwm generator
0 = Direct Operation (no inversion)
1 = The signal from the pwm generator for which the adder
is enabled (curr42_adder = 1, rgb3_adder = 1) is inverted
7.5
General Purpose Input / Outputs
GPIO0 :GPIO2, GPI are four highly-configurable general purpose input/output pins which can be used for the
following functionality (each GPIO pin is independent from the other GPIO pins):
Digital Schmitt-Trigger Input
Digital Output with 4mA Driving Capability at 2.8V Supply (VDD_GPIO)
Tristate Output
Analog Input to the ADC (GPIO0, GPIO1, GPIO2, GPI)
Strobe for Camera Flash Current Sink (GPI)
Preview Current set input for Camera Flash Current Sink (GPIO2)
PWM operation with all current sinks (GPIO0); number of current sources using this PWM input is fully
configurable
Flash led overtemperature protection (GPIO2)
Default Mode for GPI is Input
Default Mode for GPIO0, GPIO1 and GPIO2 is Input (Pull-Down)
GPIO4 not applicable in the AS3688
Table
17 – GPIO Pin Function Summary
GPIO Pin
Pin #
Configuration
Additional Function
GPIO0
TBD
ADC Input; PWM Input
GPIO1
TBD
ADC Input; TXMask input
GPIO2
TBD
Digital Input, Totem-Pole Output (Push/Pull),
Open Drain (PMOS or NMOS), High-Z,
Pull-Down or Pull-Up Resistor
ADC Input; Preview Input for Photocamera
Flash LED (CURR3x); PWM Input
GPI
TBD
Digital Input
ADC Input; Strobe Input for Photocamera
Flash LED (CURR3x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com