Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10 Datasheet(PDF) 20 Page - ams-OSRAM AG

Part # C10
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C10 Datasheet(HTML) 20 Page - ams-OSRAM AG

Back Button C10 Datasheet HTML 16Page - ams-OSRAM AG C10 Datasheet HTML 17Page - ams-OSRAM AG C10 Datasheet HTML 18Page - ams-OSRAM AG C10 Datasheet HTML 19Page - ams-OSRAM AG C10 Datasheet HTML 20Page - ams-OSRAM AG C10 Datasheet HTML 21Page - ams-OSRAM AG C10 Datasheet HTML 22Page - ams-OSRAM AG C10 Datasheet HTML 23Page - ams-OSRAM AG C10 Datasheet HTML 24Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
18 - 70
The charge pump mode switching can be done manually or automatically with the following possible software
settings:
Automatic up all modes allowed (1:1, 1:1.5, 1:2)
−
Start with 1:1 mode
−
Switch up automatically 1:1 to 1:1.5 to 1:2
Automatic up, but only 1:1 and 1:1.5 allowed
−
Start with 1:1 mode
−
Switch up automatically only from 1:1 to 1:1.5 mode; 1:2 mode is not used
Manual
−
Set modes 1:1, 1:1.5, 1:2 by software
Figure
12 – Charge Pump Pin Connections
C7
2.2µF
C1_P
C1_N
C5
2.2µF
VBAT1
VBAT2
3.0 - 5.5V
C6
2.2µF
F
C2_P
C2_N
C8
2.2µF
To Camera
Flash LEDs
Charge Pump
1:1, 1:1.5, 1:2
CP_OUT
The Charge Pump requires the external components listed in the following table:
Table
9 – Charge Pump External Components
Symbol
Parameter
Min
Typ
Max
Unit
Note
C6, C7
External Flying
Capacitor (2x)
0.65
(@3.2V,
1MHz)
2.2
µ F
Ceramic low-ESR capacitor between
pins C1_P and C1_N, and between
pins C2_P and C2_N. Use nominal
2.2µF capacitors (size 0603)
C5
Supply Buffer Capacitor
1.0
(@3.3V)
2.2
µ F
Ceramic low-ESR capacitor between
pins CP_OUT and VSS, pins VBAT
and VBAT2 (in parallel) and VSS.
Use nominal 2.2µF capacitors (size
0603)
C8
External Storage
Capacitor
1.5
2.2 or
4.7
µ F
Ceramic low-ESR capacitor between
pins CP_OUT and VSS, pins VBAT
and VBAT2 (in parallel) and VSS.
Use nominal 2.2µF or 4.7µF
capacitors (size 0603)
Note:
1.) The connections of the external capacitors C5, C6, C7 and C8 should be kept as short as possible.
2.) The maximum voltage on the flying capacitors C6 and C7 is VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com