Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10 Datasheet(PDF) 37 Page - ams-OSRAM AG

Part # C10
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C10 Datasheet(HTML) 37 Page - ams-OSRAM AG

Back Button C10 Datasheet HTML 33Page - ams-OSRAM AG C10 Datasheet HTML 34Page - ams-OSRAM AG C10 Datasheet HTML 35Page - ams-OSRAM AG C10 Datasheet HTML 36Page - ams-OSRAM AG C10 Datasheet HTML 37Page - ams-OSRAM AG C10 Datasheet HTML 38Page - ams-OSRAM AG C10 Datasheet HTML 39Page - ams-OSRAM AG C10 Datasheet HTML 40Page - ams-OSRAM AG C10 Datasheet HTML 41Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
35 - 70
7.4.4.1 General Purpose Current Sinks CURR41, CURR42, CURR43 Registers
curr4 control
Addr: 04h
This register selects the mode of the current sinks CURR41, CURR42, CURR43
Bit
Bit Name
Default
Access
Description
1:0
curr41_mode
0
R/W
Select the mode of the current sink CURR41
00b = off
01b = on
10b = PWM controlled
11b = LED pattern controlled
3:2
curr42_mode
0
R/W
Select the mode of the current sink CURR42
00b = off
01b = on
10b = PWM controlled
11b = LED pattern controlled
5:4
curr43_mode
0
R/W
Select the mode of the current sink CURR43
00b = off
01b = on
10b = PWM controlled
11b = LED pattern controlled
Curr41 current
Addr: 13h
This register controls the curr41 current sink current.
Bit
Bit Name
Default
Access
Description
7:0
curr41_current
0
R/W
Defines current into Current sink CURR41
00h = 0 mA
01h = 0.15 mA
...
FFh = 38.25 mA
Curr42 current
Addr: 14h
This register controls the curr42 current sink current.
Bit
Bit Name
Default
Access
Description
7:0
curr42_current
0
R/W
Defines current into Current sink CURR42
00h = 0 mA
01h = 0.15 mA
...
FFh = 38.25 mA
Curr43 current
Addr: 15h
This register controls the curr43 current sink current.
Bit
Bit Name
Default
Access
Description
7:0
curr43_current
0
R/W
Defines current into Current sink CURR43
00h = 0 mA
01h = 0.15 mA
...
FFh = 38.25 mA
7.4.5 LED Pattern Generator
The LED pattern generator is capable of producing a pattern with 32 bits length and 1 second duration (31.25ms
for each bit). The pattern itself can be started every second, every 2
nd, 3rd or 4th second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com