Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10 Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # C10
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C10 Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button C10 Datasheet HTML 11Page - ams-OSRAM AG C10 Datasheet HTML 12Page - ams-OSRAM AG C10 Datasheet HTML 13Page - ams-OSRAM AG C10 Datasheet HTML 14Page - ams-OSRAM AG C10 Datasheet HTML 15Page - ams-OSRAM AG C10 Datasheet HTML 16Page - ams-OSRAM AG C10 Datasheet HTML 17Page - ams-OSRAM AG C10 Datasheet HTML 18Page - ams-OSRAM AG C10 Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
13 - 70
Table
7 – Step Up DC/DC Converter Parameters
Symbol
Parameter
Min
TYP
Max
Unit
Note
IVDD
Quiescent Current
140
µ A
Pulse skipping mode.
VFB1
Feedback Voltage for
External Resistor Divider
1.20
1.25
1.30
V
For constant voltage control.
step_up_res=1
VFB2
Feedback Voltage for Current
Sink Regulation
0.4
0.5
0.6
V
on CURR1 or CURR2 in
regulation.
step_up_res=0
Additional Tuning Current at
Pin DCDC_FB and
overvoltage protection
0
30
µ A
IDCDC_FB
Accuracy of Feedback
Current
-4
4
%
Adjustable by software using
Register DCDC control1
1µA step size
VPROTECT = 1.25V +
IDCDC_FB * R3
Design Target
Vrsense_max
55
72
93
e.g., 0.66A for 0.1Ω sense
resistor.
Vrsense_max_st
art
27
36
47
For fixed startup time of
500us
Vrsense_max_lc
Current Limit Voltage at
RSENSE (R2)
33
47
61
mV
If stepup_lowcur=1
RSW
Switch Resistance
1
Ω
ON-resistance of external
switching transistor.
50
mA
At 15V output voltage.
Iload
Load Current
0
45
mA
At 17V output voltage.
fIN
Switching Frequency
0.9
1
1.1
MHz Internally trimmed.
Cout
Output Capacitor
0.7
4.7
µ F
Ceramic, ±20%. Use nominal
2.2µF capacitors to obtain at least
0.7µF under all conditions (voltage
dependance of capacitors)
L
Inductor
7
10
13
µ H
Use inductors with small Cparasitic
(<100pF) to get high efficiency.
tMIN_ON
Minimum on Time
90
140
190
ns
MDC
Maximum Duty Cycle
88
91
%
Voltage ripple >20kHz
160
mV
Vripple
Voltage ripple <20kHz
40
mV
Cout=2.2uF,Iout=0..45mA,
Vbat=3.0...4.2V
Efficiency
Efficiency
85
%
Iout=20mA,Vout=17V,Vbat=3.8V
To ensure soft startup of the dcdc converter, the overcurrent limits are reduced for a fixed time after enabling the
dcdc converter. The total startup time for an output voltage of e.g. 25V is less than 2ms.
7.2.1 Feedback Selection
Register 12 (DCDC Control) selects the type of feedback for the Step Up DC/DC Converter.
The feedback for the DC/DC converter can be selected either by current sinks CURR1 or CURR2 or by a voltage
feedback at pin DCDC_FB. If the register bit step_up_fb_auto is set, the feedback path is automatically selected
between CURR1 and CURR2 (the lowest voltage of these current sinks is used).
Setting step_up_fb = 01 enables feedback at pin 19 (CURR1); setting step_up_fb = 10 enables feedback at pin
20 (CURR2). The Step Up DC/DC Converter is regulated such that the required current at the feedback path can
be supported. (Bit step_up_res should be set to 0 in this configuration)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com