Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10 Datasheet(PDF) 42 Page - ams-OSRAM AG

Part # C10
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C10 Datasheet(HTML) 42 Page - ams-OSRAM AG

Back Button C10 Datasheet HTML 38Page - ams-OSRAM AG C10 Datasheet HTML 39Page - ams-OSRAM AG C10 Datasheet HTML 40Page - ams-OSRAM AG C10 Datasheet HTML 41Page - ams-OSRAM AG C10 Datasheet HTML 42Page - ams-OSRAM AG C10 Datasheet HTML 43Page - ams-OSRAM AG C10 Datasheet HTML 44Page - ams-OSRAM AG C10 Datasheet HTML 45Page - ams-OSRAM AG C10 Datasheet HTML 46Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
40 - 70
Curr low voltage status2
Addr: 2Bh
This register controls the curr42 current sink current.
Bit
Bit Name
Default
Access
Description
5
ovtemp_ext
NA
R
Overtemp comparator status bit
0b = no overtemperature, GPIO2>1.25V
1b = overtemperature, GPIO2<1.25V
Addr: 2Ch
gpio current
Bit
Bit Name
Default
Access
Description
0
ext_ov_temp_inv
0
R/W
Polarity of external overtemp comparator
0b = active high (Overtemperature when Vgpio>1.25V)
1b = active low (Overtemperature when Vgpio< 1.25V)
7.4.7 External chargepump
This external charge pump uses external schottky diodes and capacitors to generate low current outputs in the
range of –15V to +15V. The device delivers a square wave signals and an inverted square wave signals at
250kHz or 500kHz with full Battery voltage swing. Depending on the external configuration the battery voltage is
multiplied and / or inverted. A feedback loop with a dedicated regulation pin controls the output voltage by
modulating the duty circle.
E.g.: There are 3 Schottky Diodes, 2 Resistors and 3 Capacitors externally required for –6V output voltage.
For the Schottky Diodes the BAS40 (2 diodes in a SOT666 package) is recommended.
Table
16 – External Charge Pump Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Note
Vfb00
Negative output mode
feedback voltage
-20
0
20
mV
Regulated, with internal current
source
Ifb
Feedback current
9.7
10
10.3
µA
Current sourced at feedback pin
for negative mode
Vfb01
Positive output mode
feedback voltage
1.22
1.25
1.28
V
Regulated, with two external
resistors
Vout00
Output Voltage mode 00b
-6
V
with external 600k resistor
Vout01
Output Voltage mode 01b
15
V
with external 125kΩ resistor
and 1.375 MΩ
85
Battery Voltage 3.5V
η
Efficiency
70
%
Battery Voltage 4.2V
Iout
Output Current
10
mA
@ -6V
Iout
Output Current
5
mA
@ +15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com