Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10 Datasheet(PDF) 38 Page - ams-OSRAM AG

Part # C10
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C10 Datasheet(HTML) 38 Page - ams-OSRAM AG

Back Button C10 Datasheet HTML 34Page - ams-OSRAM AG C10 Datasheet HTML 35Page - ams-OSRAM AG C10 Datasheet HTML 36Page - ams-OSRAM AG C10 Datasheet HTML 37Page - ams-OSRAM AG C10 Datasheet HTML 38Page - ams-OSRAM AG C10 Datasheet HTML 39Page - ams-OSRAM AG C10 Datasheet HTML 40Page - ams-OSRAM AG C10 Datasheet HTML 41Page - ams-OSRAM AG C10 Datasheet HTML 42Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
36 - 70
With this pattern all current sinks can be controlled. The pattern itself switches the configured current sources
between 0 and their programmed current.
If everything else is switched off, the current consumption in this mode is IBAT. (excluding current through
switched on current source) and the charge pump, if required. The charge pump can be automatically switched
on/off depending on the pattern (see register cp_auto_on in the charge pump section) to reduce the overall
current consumption.
Figure
20 – LED Pattern Generator AS3688 for pattern_color = 0
To select the different current sinks to be controlled by the LED pattern generator, see the ‘xxxx’_mode registers
(where ‘xxxx’ stands for the to be controlled current sink, e.g. curr1_mode for CURR1 current sink). See also the
descirption of the different current sinks.
To allow the generator of a color patterns set the bit pattern_color to ‘1’. Then the pattern can be connected e.g.
to RGB1/RGB2/RGB3 as follows:
Figure
21 – LED Pattern Generator AS3688 for pattern_color = 1
Only those current sinks will be controlled, where the ‘xxxx’_mode register is configured for LED pattern.
If the register bit pattern_slow is set, all pattern times are increased by a factor of eigth. (bit duration: 250ms if
pattern_color=0 / 800ms if pattern_color=1, delays between pattern up to 24s).
7.4.5.1 Soft Dimming for Pattern
The internal pattern generator can be combined with the internal pwm dimming modulator to obtain as shown in
the following figure:
any current sink
1 2 3 4 5 6 7 8 9 ... 32
I
t
1 2 3 4 5 6
At this time a delay of 0s,1s(8s),2s(16s) or 3s(24s)
can be programmed
7 8 9 ...
Defined by bit in the setup register pattern_data
in this example the code is 101110011...
31.25ms
(250ms if pattern_slow=1)
RGB1/CURR1/CURR41/CURR30
RGB2/CURR2/CURR42/CURR31
RGB3/
/CURR43/CURR32,33
3 6 9
... 30
I
t
...
100ms
(800ms if pattern_slow=1)
... 29
... 28
1 4 7
2 5 8
3 6 9
1 4 7
2 5 8
...
...
Defined by bit in the setup register pattern_data
in this example the code is 111110001011111000110111...
At this time a delay of 0s,1s(8s),2s(16s) or 3s(24s)
can be programmed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com