Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10 Datasheet(PDF) 46 Page - ams-OSRAM AG

Part # C10
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C10 Datasheet(HTML) 46 Page - ams-OSRAM AG

Back Button C10 Datasheet HTML 42Page - ams-OSRAM AG C10 Datasheet HTML 43Page - ams-OSRAM AG C10 Datasheet HTML 44Page - ams-OSRAM AG C10 Datasheet HTML 45Page - ams-OSRAM AG C10 Datasheet HTML 46Page - ams-OSRAM AG C10 Datasheet HTML 47Page - ams-OSRAM AG C10 Datasheet HTML 48Page - ams-OSRAM AG C10 Datasheet HTML 49Page - ams-OSRAM AG C10 Datasheet HTML 50Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
44 - 70
Decrease by 1/4th every
step
Decrease by 1/8th every
step
Seconds
Seconds Seconds
Seconds
Step
%Dimming
PWM
%Dimming
PWM
50msec/
Step
25msec/
Step
5msec/
Step
2,5msec/
Step
36
1,2
3
1,75s
0,88s
0,175s
0,088s
37
0,8
2
1,80s
0,90s
0,180s
0,090s
38
0,4
1
1,85s
0,93s
0,185s
0,093s
39
0,0
0
1,90s
0,95s
0,190s
0,095s
7.4.8.2 PWM Generator Registers
Pwm control
Addr: 16h
This register controls PWM generator
Bit
Bit Name
Default
Access
Description
0
pwm_mode
1b
R/W
Selects the PWM source
0b = Use external PWM from GPIO0 or GPIO2
(defined by pwm_gpio2)
1b = Use internal PWM (default)
2:1
pwm_dim_mode
00b
R/W
Selects the dimming mode
00b = no dimming; actual content of register pwm_code is
used for pwm generator
01b = logarithmic up dimming (codes are increased).
Start value is actual pwm_code
10b = logarithmic down dimming (codes are decreased)
Start value is actual pwm_code; switch off the dimmed
current source after dimming is finished to avoid
unnecessary quiescent current
11b = NA
5:3
pwm_dim_speed
000b
R/W
Defines dimming speed by increase/descrease pwm_code …
000b = … by 1/4
th every 50 msec (total dim time 1.0s)
001b = … by 1/8
th every 50 msec (total dim time 1.9s)
010b = … by 1/4
th every 25 msec (total dim time 0.5s)
011b = … by 1/8
th every 25 msec (total dim time 0.95s)
100b = … by 1/4
th every 5 msec (total dim time 100ms)
101b = … by 1/8
th every 5 msec (total dim time 190ms)
110b = … by 1/4
th every 2.5 msec (total dim time 50ms)
111b = … by 1/8
th every 2.5 msec (total dim time 95ms)
6
pwm_gpio2
0b
R/W
Selects the PWM source
0b = Use GPIO0 for external pwm
1b = Use GPIO2 for external pwm
Pwm code
Addr: 17h
This register controls the Pwm code.
Bit
Bit Name
Default
Access
Description
7:0
pwm_code
00b
R/W
Selects the PWM code
00h = Always 0
...
FFh = Always 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com