Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10 Datasheet(PDF) 67 Page - ams-OSRAM AG

Part # C10
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C10 Datasheet(HTML) 67 Page - ams-OSRAM AG

Back Button C10 Datasheet HTML 63Page - ams-OSRAM AG C10 Datasheet HTML 64Page - ams-OSRAM AG C10 Datasheet HTML 65Page - ams-OSRAM AG C10 Datasheet HTML 66Page - ams-OSRAM AG C10 Datasheet HTML 67Page - ams-OSRAM AG C10 Datasheet HTML 68Page - ams-OSRAM AG C10 Datasheet HTML 69Page - ams-OSRAM AG C10 Datasheet HTML 70Page - ams-OSRAM AG C10 Datasheet HTML 71Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
65 - 70
Table 28 – Pinlist QFN32
Pin
Name
Type
Description
29
DCDC_FB
(CURR41)
AI
DCDC feedback. Connect to resistor string.
Alternative function: General purposed current sink
30
V2_5
AO3
Output voltage of the Low-Power LDO; always connect a ceramic capacitor of 1µF
(±20%) or 2.2µF (+100%/-50%).
Caution: Do not load this pin during device startup.
31
CREF
AIO
Bypass capacitor for the internal voltage reference; always connect a capacitor of
100nF.
Caution: Do not load this pin.
32
RBIAS
AIO
External resistor; always connect a resistor of 220kΩ (±1%) to ground.
Caution: Do not load this pin.
33
VSS
VSS
Ground pad (QFN32: exposed paddle).
Table 29 – Pin Type Definitions
Type
Description
DI
Digital Input
DI3
3.3V Digital Input
DO
Digital Output
DIO
Digital Input/Output
DIO3
3.3V Digital Input/Output
OD
Open Drain (the device can only pulldown this type of pin)
AIO
Analog Pad
AI
Analog Input
AI_HV
High-Voltage (15V) Pin
AO
Analog Output (5V)
AO3
Analog Output (3.3V)
S
Supply Pad
GND
Ground Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com