Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10 Datasheet(PDF) 58 Page - ams-OSRAM AG

Part # C10
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C10 Datasheet(HTML) 58 Page - ams-OSRAM AG

Back Button C10 Datasheet HTML 54Page - ams-OSRAM AG C10 Datasheet HTML 55Page - ams-OSRAM AG C10 Datasheet HTML 56Page - ams-OSRAM AG C10 Datasheet HTML 57Page - ams-OSRAM AG C10 Datasheet HTML 58Page - ams-OSRAM AG C10 Datasheet HTML 59Page - ams-OSRAM AG C10 Datasheet HTML 60Page - ams-OSRAM AG C10 Datasheet HTML 61Page - ams-OSRAM AG C10 Datasheet HTML 62Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
56 - 70
If the device temperature exceeds the 140º threshold all current sources, the charge pump, the ldo and the dcdc
converter is disabled and the ov_temp flag is set. After decreasing the temperature by 5º (typically) operation is
resumed.
The ov_temp flag can only be reset by first writing a 1 and then a 0 to the (bit rst_ov_temp ).
Bit ov_temp_on = 1 activates temperature supervision.
Table
24 – Overtemperature Detection
Symbol
Parameter
Min
Typ
Max
Unit
Note
T140
ov_temp Rising Threshold
140
º C
Thyst
ov_temp Hystersis
5
º C
7.9.1 Temperature Supervision Registers
Overtemp Control
Addr: 29h
This register reads and resets the overtemperature flag.
Bit
Bit Name
Default
Access
Description
0
ov_temp_on
1
W
Activates/deactivates device temperature supervision.
Default: Off – all other bits are only valid if this bit is set to 1.
0 = Temperature supervision is disabled. No reset will be
generated if the device temperature exceeds 140ºC.
1 = Temperature supervision is enabled.
1
ov_temp
N/A
R
1 = Indicates that the overtemperature threshold has been
reached; this flag is not cleared by an overtemperature
reset. It has to be cleared using bit rst_ov_temp .
2
rst_ov_temp
0
R/W
The ov_temp flag is cleared by first setting this bit to 1, and
then setting this bit to 0.
7:3
N/A
7.10 Serial Interface
The AS3688 is controlled using serial interface pins CLK and DATA.
7.10.1 Serial Interface Features
Fast Mode Capability (Maximum Clock Frequency is 400 kHz)
7-bit Addressing Mode
Write Formats
−
Single-Byte Write
−
Page-Write
Read Formats
−
Current-Address Read
−
Random-Read
−
Sequential-Read
DATA Input Delay and CLK Spike Filtering by Integrated RC Components
7.10.2 Device Address Selection
The serial interface address of the AS3688 has the following addresses (factory programmable to 80h,81h or
82h, 83h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com