Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10 Datasheet(PDF) 34 Page - ams-OSRAM AG

Part # C10
Description  Flexible Lighting Management Unit
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

C10 Datasheet(HTML) 34 Page - ams-OSRAM AG

Back Button C10 Datasheet HTML 30Page - ams-OSRAM AG C10 Datasheet HTML 31Page - ams-OSRAM AG C10 Datasheet HTML 32Page - ams-OSRAM AG C10 Datasheet HTML 33Page - ams-OSRAM AG C10 Datasheet HTML 34Page - ams-OSRAM AG C10 Datasheet HTML 35Page - ams-OSRAM AG C10 Datasheet HTML 36Page - ams-OSRAM AG C10 Datasheet HTML 37Page - ams-OSRAM AG C10 Datasheet HTML 38Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
AS3688
austriami crosyst ems
Datasheet, Confidential
www.austriamicrosystems.com (ptr,tje)
Revision 1.1.1 / 20060707
32 - 70
Figure
19 – RGB pin functionality
Table
14 – RGB pins Function Overview
Bit settings
Pin Function / Name
rgb1_
mode
rgb2_
mode
rgb3_
mode
cp_ext
_on
ldo_an
a2_on
RGB1
RGB2
RGB3
Function
00b
00b
00b
0b
0b
open
open
open
all functions off
01b
01b
01b
0b
0b
RGB1
RGB2
RGB3
Normal current sink operation
10b
10b
10b
0b
0b
RGB1
RGB2
RGB3
PWM current sink operation
xxb
xxb
xxb
1b
xb
CP_CLK1 CP_CLK2
CP_FB
External chargepump operation
xxb
xxb
xxb
0b
1b
open or
RGB1
open or
RGB2
LDO_ANA2
current sink operation on RGB1 and
RGB2, LDO_ANA2 on RGB3 pin
These low voltage current sinks have a resolution of 8 bits. They can be controlled individually by the LED
pattern generator (on/off).
External PWM control of these current sinks is also possible and can be enabled by software (Input pin GPIO0).
If the current sink RGB3 (VANA2) is not used, its alternative function is ldo VANA2.
Symbol
Parameter
Min
Typ
Max
Unit
Note
IBIT7
Current sink if Bit7 = 1
19.2
mA
For V(CURRx) > 0.2V
Battery
VBAT3
RGB1
RGB2
Current Sinks
0.15-38.5mA
OLED
Charge Pump
(Alternative Function)
Battery or CPOUT
D13,D14,D15
LDO VANA2
1.85-3.4V
150mA
VBAT3
VBAT3
Vref
VANA2
FB
CLK1
CLK2
RGB3 (VANA2)
RGB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com