Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 118 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 114Page - STMicroelectronics ST10F280 Datasheet HTML 115Page - STMicroelectronics ST10F280 Datasheet HTML 116Page - STMicroelectronics ST10F280 Datasheet HTML 117Page - STMicroelectronics ST10F280 Datasheet HTML 118Page - STMicroelectronics ST10F280 Datasheet HTML 119Page - STMicroelectronics ST10F280 Datasheet HTML 120Page - STMicroelectronics ST10F280 Datasheet HTML 121Page - STMicroelectronics ST10F280 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 186 page
background image
ST10F280
118/186
15 - CAN MODULES
The two integrated CAN modules (CAN1 and
CAN2) are identical and handle the completely
autonomous transmission and reception of CAN
frames in accordance with the CAN specification
V2.0 part B (active) i.e. the on-chip CAN module
can receive and transmit standard frames with
11-bit identifiers as well as extended frames with
29-bit identifiers.
Because of duplication of CAN controllers, the fol-
lowing adjustements are to be considered:
– The same internal register addresses both CAN
controllers, but with the base addresses differing
in address bit A8 and separate chip select for
each CAN module. For address mapping, see
Chapter 4.
– The CAN1 transmit line (CAN1_TxD) is the alter-
nate function of the port P4.6 and the receive
line (CAN1_RxD) is P4.5.
– The CAN2 transmit line (CAN2_TxD) is the alter-
nate function of the port P4.7 and the receive
line (CAN2_RxD) is the alternate function of the
port P4.4.
– Interrupt of CAN2 is connected to the XBUS in-
terrupt line XP1 (CAN1 is on XP0).
– Because of the new XPERCON register, both
CAN modules have to be selected, before the bit
XPEN is set in SYSCON register.
– After reset, the CAN1 is selected with the related
control bit in the XPERCON register. The CAN2
is not selected.
15.1 - Memory Mapping
15.1.1 - CAN1
Address range 00’EF00h 00’EFFFh is reserved
for the CAN1 Module access. The CAN1 is
enabled by setting bit 0 of the new XPERCON
register before setting XPEN bit 2 of the SYSCON
register. Accesses to the CAN Module use demul-
tiplexed addresses and a 16-bit data bus (byte
accesses are possible). Two waitstates give an
access time of 100 ns at 40MHz CPU clock. No
tristate waitstate is used.
15.1.2 - CAN2
Address range 00’EE00h 00’EEFFh is reserved
for the CAN2 Module access. The CAN2 is
enabled by setting XPEN bit 2 of the SYSCON
register and bit 1 of the new XPERCON register.
Accesses to the CAN Module use demultiplexed
addresses and a 16-bit data bus (byte accesses
are possible). Two waitstates give an access time
of 100 ns at 40MHz CPU clock. No tristate wait-
state is used.
Note: If one or the two CAN modules are used,
Port 4 can not be programmed to output all
8 segment address lines. Thus, only 4
segment address lines can be used,
reducing the external memory space to
5M Bytes (1M Byte per CS line).
15.2 - CAN Bus Configurations
Depending on application, CAN bus configuration
may be one single bus with a single or multiple
interfaces or a multiple bus with a single or
multiple interfaces. The ST10F280 is able to
support these 2 cases.
Single CAN Bus
The
single
CAN
Bus
multiple
interfaces
configuration may be implemented using 2 CAN
transceives as shown in Figure 59.
The ST10F280 also supports single CAN Bus
multiple (dual) interfaces using the open drain
option of the CANx_TxD output as shown in Fig-
ure 60. Thanks to the OR-Wired Connection, only
one transceiver is required. In this case the design
of the application must take in account the wire
length and the noise environment.
Figure 59 : Single CAN Bus Multiple Interfaces -
Multiple Transceivers
Figure 60 : Single CAN Bus Dual Interfaces -
Single Transceiver
CAN1
RxD TxD
CAN2
RxD TxD
CAN
Transceiver
CAN
Transceiver
CAN_H
CAN_H
CAN bus
CAN1
RxD TxD
CAN2
RxD TxD
CAN
Transceiver
CAN_H
CAN_H
CAN bus
* Open drain output
+5V
2.7k
Ω
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com